Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDJ1027P Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDJ1027P
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDJ1027P Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDJ1027P_06 Datasheet HTML 1Page - Fairchild Semiconductor FDJ1027P_06 Datasheet HTML 2Page - Fairchild Semiconductor FDJ1027P_06 Datasheet HTML 3Page - Fairchild Semiconductor FDJ1027P_06 Datasheet HTML 4Page - Fairchild Semiconductor FDJ1027P_06 Datasheet HTML 5Page - Fairchild Semiconductor FDJ1027P_06 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
FDJ1027P Rev. C3
Dimensional Outline and Pad Layout
Bottom View
Top View
Recommended Landing Pattern
13
(0.24)
(0.18)
(0.46)
(0.50)
(0.73)
0.30
0.20
PKG
DRAIN
DRAIN 1
DRAIN 2
PKG
CL
CL
6
4
1
3
1.75
1.55
1.70
1.50
A
A
MB
B
0.50
0.275
0.125
0.075
(0.20)
6
4
PKG
PKG
CL
CL
1.00
0.50
0.80
0.65
SEATING
PLANE
2.15
1.85
1.075
0.925
0.225
0.075
PKG
CL
PKG
CL
1.00
13
0.20
0.60
0.50
1.00
0.84
0.30 MIN
2.35 MIN
0.50 MIN
1.35
DRAIN 1
TERMINAL
DRAIN 2
TERMINAL
4
6
PKG
CL
PKG
CL


Similar Part No. - FDJ1027P_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDJ1027P FAIRCHILD-FDJ1027P Datasheet
134Kb / 7P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

Similar Description - FDJ1027P_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com