Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP038AN06A0 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP038AN06A0
Description  N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP038AN06A0 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP038AN06A0 Datasheet HTML 1Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 2Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 3Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 4Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 5Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 6Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 7Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 8Page - Fairchild Semiconductor FDP038AN06A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
FDP038AN06A0 / FDI038AN06A0 Rev. B
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (VGS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 0.255mH, IAS = 70A.
2: Pulse Width = 100s
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP038AN06A0
FDP038AN06A0
TO-220AB
Tube
N/A
50 units
FDI038AN06A0
FDI038AN06A0
TO-262AB
Tube
N/A
50 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 50V
-
-
1
µA
VGS = 0V
TC = 150
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID = 80A, VGS = 10V
-
0.0035 0.0038
ID = 40A, VGS = 6V
-
0.0049 0.0074
ID = 80A, VGS = 10V,
TJ = 175
oC
-
0.0071 0.0078
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
6400
-
pF
COSS
Output Capacitance
-
1123
-
pF
CRSS
Reverse Transfer Capacitance
-
367
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 30V
ID = 80A
Ig = 1.0mA
96
124
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
12
15
nC
Qgs
Gate to Source Gate Charge
-
26
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
15
-
nC
Qgd
Gate to Drain “Miller” Charge
-
27
-
nC
tON
Turn-On Time
VDD = 30V, ID = 80A
VGS = 10V, RGS = 2.4Ω
-
-
175
ns
td(ON)
Turn-On Delay Time
-
17
-
ns
tr
Rise Time
-
144
-
ns
td(OFF)
Turn-Off Delay Time
-
34
-
ns
tf
Fall Time
-
60
-
ns
tOFF
Turn-Off Time
-
-
115
ns
VSD
Source to Drain Diode Voltage
ISD = 80A
-
-
1.25
V
ISD = 40A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 75A, dISD/dt = 100A/µs-
-
38
ns
QRR
Reverse Recovered Charge
ISD = 75A, dISD/dt = 100A/µs-
-
39
nC


Similar Part No. - FDP038AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP038AN06A0 FAIRCHILD-FDP038AN06A0 Datasheet
280Kb / 10P
   N-Channel PowerTrench MOSFET 60V, 80A, 3.8m?
logo
Inchange Semiconductor ...
FDP038AN06A0 ISC-FDP038AN06A0 Datasheet
355Kb / 3P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP038AN06A0 FAIRCHILD-FDP038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
More results

Similar Description - FDP038AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDP038AN06A0 FAIRCHILD-FDP038AN06A0 Datasheet
280Kb / 10P
   N-Channel PowerTrench MOSFET 60V, 80A, 3.8m?
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDB070AN06_F085 FAIRCHILD-FDB070AN06_F085 Datasheet
731Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 7m廓
FDB035AN06A0 FAIRCHILD-FDB035AN06A0_12 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com