Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6214DR44C Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6214DR44C
Description  CMOS Low Power Consumption
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214DR44C Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6214DR44C Datasheet HTML 1Page - Torex Semiconductor XC6214DR44C Datasheet HTML 2Page - Torex Semiconductor XC6214DR44C Datasheet HTML 3Page - Torex Semiconductor XC6214DR44C Datasheet HTML 4Page - Torex Semiconductor XC6214DR44C Datasheet HTML 5Page - Torex Semiconductor XC6214DR44C Datasheet HTML 6Page - Torex Semiconductor XC6214DR44C Datasheet HTML 7Page - Torex Semiconductor XC6214DR44C Datasheet HTML 8Page - Torex Semiconductor XC6214DR44C Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
XC6214 ETR0318_005
FEATURES
Maximum Output Current : More than 500mA
(800mA limit)
Dropout Voltage
: 500mV @ IOUT = 500mA
(VOUT=3.3V)
Operating Voltage Range : 1.8V ~ 6.0V
Output Voltage
: 1.5V, 1.8V, 2.5V, 3.0V, 3.3V
(standard)
Other voltages between 1.5V to
5.0V (semi-custom)
High Accuracy
: Setting voltage accuracy ±2%
Low Power Consumption
Ripple Rejection Rate
: 8μA (TYP.)
: 40dB @ 1kHz
Operating Temperature
Range
: - 40℃ ~ 85℃
Packages
: SOT-26
SOT-89
CMOS Low Power Consumption : 8μA (TYP.)
Maximum Output Current : More than 500mA
Current Limit Circuit Built-In
Thermal Shutdown Circuit Built-In
Ceramic Capacitor Compatible
SOT-89-, SOT-26 Packages
GENERAL DESCRIPTION
The XC6214 series are highly precise, low noise, high current,
positive voltage low dropout regulators. They are fabricated
using Torex’s CMOS process. The series features a voltage
reference, an error amplifier, a current limiter, a thermal
protection circuit, and a phase compensation circuit plus a
driver transistor.
The output voltage is selectable in 100mV increments within the
range of 1.5V to 5.0V. (Output voltage 1.5V, 1.8V, 2.5V, 3.0V
and 3.3V are standard products. Other than these voltages
are available as semi-custom products.)
The series is also compatible with low ESR ceramic capacitors,
which give added output stability.
This stability can be
maintained even during load fluctuations due to the excellent
transient response of the series.
The over current protection circuit and the thermal shutdown
circuit are built in.
The over current protection circuit will
operate when the output current reaches current limit level.
The thermal shutdown circuit will operate when the junction
temperature reaches temperature limit level.
APPLICATIONS
DVD, CD-ROM, HDD drive equipment
Portable AV equipment (Cameras, VCRs, etc.)
Wireless Communication equipment
(Mobile & Cordless phone, etc.)
Desktop computers, Note book computer, PDAs
Network equipment (Wireless LAN etc.)
Reference voltage
Battery powered equipment
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE
CHARACTERISTICS
Dropout Voltage vs. Output Current
XC6214P332
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
500
Output Current : IOUT (mA)
CIN=CL=1.0µF(ceramic)
Topr=85oC
25oC
-40oC
VOUT
VSS
VIN
CIN
1.0uF
CL
1.0uF
RL
VIN


Similar Part No. - XC6214DR44C

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P122JL TOREX-XC6214P122JL Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122JR TOREX-XC6214P122JR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122ML TOREX-XC6214P122ML Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122MR TOREX-XC6214P122MR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
More results

Similar Description - XC6214DR44C

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com