Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN336P Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDN336P
Description  Single P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN336P Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDN336P_05 Datasheet HTML 1Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 2Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 3Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 4Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2005
©2005 Fairchild Semiconductor Corporation
FDN306P Rev D
FDN336P
Single P-Channel 2.5V Specified PowerTrench
®
MOSFET
General Description
This P-Channel 2.5V specified MOSFET is produced
using
Fairchild
Semiconductor’s
advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
low gate charge for superior switching performance.
These devices are well suited for portable electronics
applications: load switching and power management,
battery charging circuits and DC/DC conversion.
Features
–1.3 A, –20 V. RDS(ON) = 0.20 Ω @ VGS = –4.5 V
RDS(ON) = 0.27 Ω @ VGS = –2.5 V
Low gate charge (3.6 nC typical)
High performance trench technology for extremely
low RDS(ON)
SuperSOT
TM -3 provides low R
DS(ON) and 30%
higher power handling capability than SOT23 in
the same footprint
G
D
S
SuperSOT -3
TM
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
– Continuous
(Note 1a)
1.3
A
– Pulsed
–10
Maximum Power Dissipation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
336
FDN336P
7’’
8mm
3000 units


Similar Part No. - FDN336P_05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDN336P-NL VBSEMI-FDN336P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDN336P_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com