Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN340P Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDN340P
Description  Single P-Channel, Logic Level, PowerTrench짰MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN340P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDN340P Datasheet HTML 1Page - Fairchild Semiconductor FDN340P Datasheet HTML 2Page - Fairchild Semiconductor FDN340P Datasheet HTML 3Page - Fairchild Semiconductor FDN340P Datasheet HTML 4Page - Fairchild Semiconductor FDN340P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDN340P Rev E1
Typical Characteristics
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
Q
g
, GATE CHARGE (nC)
I
D
= -3.5A
V
DS
= -5V
-10V
-15V
0
200
400
600
800
1000
0
5
10
15
20
-V
DS
, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
OSS
C
RSS
f = 1 MHz
V
GS
= 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-V
D S, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
µs
R
DS(ON) LIMIT
V
GS = -10V
SINGLE PULSE
RθJA = 270
oC/W
T
A
= 25oC
10ms
1ms
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
= 270° C/W
T
= 25°C
θJA
A
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
R
(t) = r(t) * R
R
= 270 °C/W
Duty Cycle, D = t /t
1
2
θJA
θJA
θJA
T - T
= P *R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDN340P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN340P UMW-FDN340P Datasheet
406Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN340P-NL VBSEMI-FDN340P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDN340P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1110 TI1-TPS1110 Datasheet
242Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL LOGIC-LEVEL MOSFETS
logo
Fairchild Semiconductor
FDS6575 FAIRCHILD-FDS6575_01 Datasheet
68Kb / 5P
   P-Channel 2.5V Specified PowerTrench짰MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3457DV FAIRCHILD-SI3457DV Datasheet
85Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com