Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP75N08_0606 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDP75N08_0606
Description  75V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP75N08_0606 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP75N08_0606 Datasheet HTML 1Page - Fairchild Semiconductor FDP75N08_0606 Datasheet HTML 2Page - Fairchild Semiconductor FDP75N08_0606 Datasheet HTML 3Page - Fairchild Semiconductor FDP75N08_0606 Datasheet HTML 4Page - Fairchild Semiconductor FDP75N08_0606 Datasheet HTML 5Page - Fairchild Semiconductor FDP75N08_0606 Datasheet HTML 6Page - Fairchild Semiconductor FDP75N08_0606 Datasheet HTML 7Page - Fairchild Semiconductor FDP75N08_0606 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FDP75N08 Rev. A
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
1
10
2
V
GS
Top:
15.0V
9.0V
7.5V
7.0V
6.5v
6.0V
5.5V
5.0V
Bottom : 4.5V
* Note :
1. 250µs Pulse Test
2. T
C
=25
0C
V
DS
, Drain-Source Voltage [V]
2
468
10
1
10
100
* Note :
1. V
DS
=40V
2. 250µs Pulse Test
-55
0C
25
0C
150
0C
V
GS
, Gate-Source Voltage [V]
0
25
50
75
100
125
150
175
200
0.007
0.008
0.009
0.010
0.011
0.012
V
GS
= 20V
V
GS
= 10V
* Note : T
J
= 25
oC
I
D
, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
10
2
25
0C
150
0C
* Note :
1. V
GS
=0V
2. 250µs Pulse Test
V
DS
, Source-Drain Violtage [V]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
* Note :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
0
10
2030
405060
7080
0
2
4
6
8
10
12
V
DS
= 37.5V
V
DS
= 60V
* Note : I
D
= 75A
Q
G
, Total Gate Charge [nC]


Similar Part No. - FDP75N08_0606

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP75N08A FAIRCHILD-FDP75N08A Datasheet
631Kb / 8P
   75V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP75N08A ISC-FDP75N08A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP75N08_0606

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com