Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF79N15 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDPF79N15
Description  150V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF79N15 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDPF79N15 Datasheet HTML 2Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 3Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 4Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 5Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 6Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 7Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 8Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 9Page - Fairchild Semiconductor FDPF79N15 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.fairchildsemi.com
10
www.fairchildsemi.com
FDP79N15 / FDPF79N15 Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not
intended to be an exhaustive list of all such trademarks.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO
IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE
OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS,
SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT
THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body or (b) support
or sustain life, and (c) whose failure to perform when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury of the user.
2. A critical component in any component of a life support,
device, or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
ACEx®
Across the board. Around the world.™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
CROSSVOLT™
CTL™
Current Transfer Logic™
DOME™
E2CMOS™
EcoSPARK®
EnSigna™
FACT Quiet Series™
FACT®
FAST®
FASTr™
FPS™
FRFET®
GlobalOptoisolator™
HiSeC™
i-Lo™
ImpliedDisconnect™
IntelliMAX™
ISOPLANAR™
MICROCOUPLER™
MicroPak™
MICROWIRE™
Motion-SPM™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR®
PACMAN™
PDP-SPM™
POP™
Power220®
Power247®
PowerSaver™
Programmable Active Droop™
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
ScalarPump™
SMART START™
SPM®
STEALTH™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TCM™
The Power Franchise®
TinyBoost™
TinyBuck™
TinyLogic®
TINYOPTO™
TinyPower™
TinyWire™
TruTranslation™
µSerDes™
UHC®
UniFET™
VCX™
Wire™
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In Design
This datasheet contains the design specifications for product
development. Specifications may change in any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data; supplementary data will be
published at a later date. Fairchild Semiconductor reserves the right to
make changes at any time without notice to improve design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild Semiconductor
reserves the right to make changes at any time without notice to
improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product that has been dis-
continued by Fairchild Semiconductor.The datasheet is printed for refer-
ence information only.
Rev. I25
tm
GTO™
PowerTrench®
tm
PowerEdge™
TM


Similar Part No. - FDPF79N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF79N15 FAIRCHILD-FDPF79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDPF79N15 ISC-FDPF79N15 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF79N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com