Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P90CL301 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P90CL301
Description  Low voltage 16-bit microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CL301 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P90CL301 Datasheet HTML 7Page - NXP Semiconductors P90CL301 Datasheet HTML 8Page - NXP Semiconductors P90CL301 Datasheet HTML 9Page - NXP Semiconductors P90CL301 Datasheet HTML 10Page - NXP Semiconductors P90CL301 Datasheet HTML 11Page - NXP Semiconductors P90CL301 Datasheet HTML 12Page - NXP Semiconductors P90CL301 Datasheet HTML 13Page - NXP Semiconductors P90CL301 Datasheet HTML 14Page - NXP Semiconductors P90CL301 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
1996 Dec 11
11
Philips Semiconductors
Preliminary specification
Low voltage 16-bit microcontroller
P90CL301BFH (C100)
Table 12 Bus size depending on BSIZE, CSBTX and BSn (n = 0 to 6)
Notes
1. Depending on bit BSn in register BSREG.
2. The default value after reset of bits BSn in register BSREG is logic 0 which corresponds to 16-bit mode for CS0 to
CS6. In this case, it is recommended to set BSn to logic 1 in the boot routine. Afterwards if CSBTX is set to logic 1,
BSn can be reset to logic 0 by software for further transfers in 16-bit mode.
6.4
System Control Register (SYSCON)
The P90CL301BFH uses a System Control Register (SYSCON) for adjusting system parameters.
Table 13 System Control Register (address FFFF 8000H)
Notes
1. The default values after a CPU reset: PCLK1 = 1 and PCLK0 = 1; all other SYSCON bits are a logic 0.
2. All bits are reset by the RESET instruction, except the IDL bit which is only reset by a CPU reset.
PIN BSIZE
BIT CSBTX
BUS SIZE OF CS0 TO CS6(1)
BUS SIZE OF CSBTX
PORT PL AVAILABLE
(P0 TO P7)
BSn = 0
BSn = 1
AT
BOOT
AFTER
BOOT
0
0
16 bit
8 bit
16
16
no
0
1
16 bit
8 bit
16
8
yes
1
0
note 2
8 bit
8
8
yes
1
1
16 bit
8 bit
8
16
no
15
14
13
12
11
10
9
8
7(1)
6(1)
54
3
2
1(2)
0
WDSC
BPE
CSBTX STBY PCLK3
PCLK2
PDE GF
PCLK1
PCLK0 IM WD FBC PD
IDL
DOFF


Similar Part No. - P90CL301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P90CE201 PHILIPS-P90CE201 Datasheet
235Kb / 77P
   16-bit microcontroller
August 1993
P90CE201AEB PHILIPS-P90CE201AEB Datasheet
235Kb / 77P
   16-bit microcontroller
August 1993
More results

Similar Description - P90CL301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4830 MAXIM-DS4830 Datasheet
1Mb / 29P
   Optical Microcontroller 16-Bit MAXQ20 Low-Power Microcontroller
Rev 0; 6/11
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com