Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9015 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9015
Description  Single Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015 Datasheet(HTML) 4 Page - Intersil Corporation

  X9015_06 Datasheet HTML 1Page - Intersil Corporation X9015_06 Datasheet HTML 2Page - Intersil Corporation X9015_06 Datasheet HTML 3Page - Intersil Corporation X9015_06 Datasheet HTML 4Page - Intersil Corporation X9015_06 Datasheet HTML 5Page - Intersil Corporation X9015_06 Datasheet HTML 6Page - Intersil Corporation X9015_06 Datasheet HTML 7Page - Intersil Corporation X9015_06 Datasheet HTML 8Page - Intersil Corporation X9015_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN8157.5
August 31, 2006
)
Power Up and Down Requirements
The are no restrictions on the power-up or power-down conditions of VCC and the voltages applied to the potentiometer pins
provided that VCC is always more positive than or equal to VH, VL, and VW, i.e., VCC VH, VL, VW. The VCC ramp rate spec is
always in effect.
NOTES:
1. Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage = (Vw(n)(actual)–Vw(n)(expected)) = ±1 Ml Maximum.
2. Relative Linearity is a measure of the error in step size between
taps = VW(n+1) – [Vw(n) + Ml] = ±0.2 Ml.
3. 1 Ml = Minimum Increment = RTOT/31.
4. Typical values are for TA = +25°C and nominal supply voltage.
5. This parameter is periodically sampled and not 100% tested.
Absolute Maximum Ratings
Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, VH, VL and
VCC with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
ΔV = |V
H–VL| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Lead temperature (soldering 10s) . . . . . . . . . . . . . . . . . . . . . +300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7.5mA
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC)
X9015. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
X9015-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Potentiometer Specifications Over recommended operating conditions unless otherwise stated
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
MIN.
TYP.
MAX.
UNIT
RTOTAL
End to End Resistance Variation
–20
+20
%
VVH
VH/RH Terminal Voltage
0
VCC
V
VVL
VL/RL Terminal Voltage
0
VCC
V
Power Rating
RTOTAL ≤1kΩ
10
mW
RW
Wiper Resistance
IW = 1mA, VCC = 5V
200
400
Ω
RW
Wiper Resistance
IW = 1mA, VCC = 2.7V
400
1000
Ω
IW
Wiper Current
-3.75
3.75
mA
Noise
Ref: 1kHz
-120
dBV
Resolution
3%
Absolute Linearity (Note 1)
Vw(n)(actual)–Vw(n)(expected)
-1
+1
MI (Note 3)
Relative Linearity (Note 2)
Vw(n+1)–[Vw(n)+MI]
-0.2
+0.2
MI (Note 3)
RTOTAL Temperature Coefficient
±300
ppm/°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer Capacitances
See circuit #3
10/10/25
pF
X9015


Similar Part No. - X9015_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015TS8-2.7 INTERSIL-X9015TS8-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8 INTERSIL-X9015UM8 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8-2.7 INTERSIL-X9015UM8-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8I INTERSIL-X9015UM8I Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8I-2.7 INTERSIL-X9015UM8I-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
More results

Similar Description - X9015_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com