Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMP Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9241AMP
Description  Quad Digital Controlled Potentionmeters (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMP Datasheet(HTML) 4 Page - Intersil Corporation

  X9241AMP Datasheet HTML 1Page - Intersil Corporation X9241AMP Datasheet HTML 2Page - Intersil Corporation X9241AMP Datasheet HTML 3Page - Intersil Corporation X9241AMP Datasheet HTML 4Page - Intersil Corporation X9241AMP Datasheet HTML 5Page - Intersil Corporation X9241AMP Datasheet HTML 6Page - Intersil Corporation X9241AMP Datasheet HTML 7Page - Intersil Corporation X9241AMP Datasheet HTML 8Page - Intersil Corporation X9241AMP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN8164.5
December 14, 2006
Principles of Operation
The X9241A is a highly integrated microcircuit incorporating
four resistor arrays, their associated registers and counters
and the serial interface logic providing direct communication
between the host and the XDCP potentiometers.
Serial Interface
The X9241A supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter and the receiving device as the receiver.
The device controlling the transfer is a master and the
device being controlled is the slave. The master will always
initiate data transfers and provide the clock for both transmit
and receive operations. Therefore, the X9241A will be
considered a slave device in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL
LOW periods (tLOW). SDA state changes during SCL HIGH
are reserved for indicating start and stop conditions.
Start Condition
All commands to the X9241A are preceded by the start
condition, which is a HIGH to LOW transition of SDA while
SCL is HIGH (tHIGH). The X9241A continuously monitors the
SDA and SCL lines for the start condition and will not
respond to any command until this condition is met.
Stop Condition
All communications must be terminated by a stop condition,
which is a LOW to HIGH transition of SDA while SCL is
HIGH.
Acknowledge
Acknowledge is a software convention used to provide a
positive handshake between the master and slave devices
on the bus to indicate the successful receipt of data. The
transmitting device, either the master or the slave, will
release the SDA bus after transmitting eight bits. The master
generates a ninth clock cycle and during this period the
receiver pulls the SDA line LOW to acknowledge that it
successfully received the eight bits of data. See Figure 7.
The X9241A will respond with an acknowledge after
recognition of a start condition and its slave address and
once again after successful receipt of the command byte. If
the command is followed by a data byte the X9241A will
respond with a final acknowledge.
Array Description
The X9241A is comprised of four resistor arrays. Each array
contains 63 discrete resistive segments that are connected
in series. The physical ends of each array are equivalent to
the fixed terminals of a mechanical potentiometer (VH/RH
and VL/RL inputs).
At both ends of each array and between each resistor
segment is a FET switch connected to the wiper (VW/RW)
output. Within each individual array only one switch may be
turned on at a time. These switches are controlled by the
Wiper Counter Register (WCR). The six least significant bits
of the WCR are decoded to select, and enable, one of sixty-
four switches.
The WCR may be written directly, or it can be changed by
transferring the contents of one of four associated Data
Registers into the WCR. These Data Registers and the WCR
can be read and written by the host system.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most significant four
bits of the slave address are the device type identifier (refer
to Figure 1 below). For the X9241A this is fixed as 0101[B].
The next four bits of the slave address are the device
address. The physical device address is defined by the state
of the A0-A3 inputs. The X9241A compares the serial data
stream with the address input state; a successful compare of
all four address bits is required for the X9241A to respond
with an acknowledge.
Acknowledge Polling
The disabling of the inputs, during the internal nonvolatile
write operation, can be used to take advantage of the typical
5ms EEPROM write cycle time. Once the stop condition is
issued to indicate the end of the nonvolatile write command
the X9241A initiates the internal write cycle. ACK polling can
be initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9241A is still busy with the write operation no ACK will be
returned. If the X9241A has completed the write operation
an ACK will be returned and the master can then proceed
with the next operation.
1
0
0
A3
A2
A1
A0
Device Type
Identifier
Device Address
1
FIGURE 1. SLAVE ADDRESS
X9241A


Similar Part No. - X9241AMP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AMP XICOR-X9241AMP Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMP INTERSIL-X9241AMP Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMP INTERSIL-X9241AMP Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Xicor Inc.
X9241AMPI XICOR-X9241AMPI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMPI INTERSIL-X9241AMPI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
More results

Similar Description - X9241AMP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_07 Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com