Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259TS24 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9259TS24
Description  Quad Digitally-Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259TS24 Datasheet(HTML) 1 Page - Intersil Corporation

  X9259TS24 Datasheet HTML 1Page - Intersil Corporation X9259TS24 Datasheet HTML 2Page - Intersil Corporation X9259TS24 Datasheet HTML 3Page - Intersil Corporation X9259TS24 Datasheet HTML 4Page - Intersil Corporation X9259TS24 Datasheet HTML 5Page - Intersil Corporation X9259TS24 Datasheet HTML 6Page - Intersil Corporation X9259TS24 Datasheet HTML 7Page - Intersil Corporation X9259TS24 Datasheet HTML 8Page - Intersil Corporation X9259TS24 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8169.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9259
Single Supply/Low Power/256-Tap/2-Wire bus
Quad Digitally-Controlled (XDCP™)
Potentiometers
The X9259 integrates four digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
2-wire bus interface. Each potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and four
non-volatile Data Registers that can be directly written to and
read by the user. The content of the WCR controls the
position of the wiper. At power-up, the device recalls the
content of the default Data Registers of each DCP (DR00,
DR10, DR20, and DR30) to the corresponding WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four Separate Potentiometers in One Package
• 256 Resistor Taps–0.4% Resolution
• 2-Wire Serial Interface for Write, Read, and
Transfer Operations of the Potentiometer
• Wiper Resistance: 100
Ω typical @ VCC = 5V
• 4 Non-volatile Data Registers for Each Potentiometer
• Non-volatile Storage of Multiple Wiper Positions
• Standby Current <5µA Max
•VCC: 2.7V to 5.5V Operation
•50k
Ω, 100kΩ versions of Total Resistance
• Endurance: 100,000 Data Changes per Bit per Register
• 100 year Data Retention
• Single Supply Version of X9258
• 24 Ld SOIC, 24 Ld TSSOP
• Low Power CMOS
• Pb-Free Plus Anneal Available (RoHS Compliant)
Functional Diagram
POWER UP,
INTERFACE
CONTROL
AND
VCC
VSS
2-Wire
RH0
RL0
DCP0
RW0
A1
SDA
SCL
A3
A2
WP
WCR0
DR00
DR01
DR02
DR03
RH1
RL1
DCP1
RW1
WCR1
DR10
DR11
DR12
DR13
RH2
RL2
DCP2
RW2
WCR2
DR20
DR21
DR22
DR23
RH3
RL3
DCP3
RW3
WCR3
DR30
DR31
DR32
DR33
A0
Interface
STATUS
Data Sheet
April 13, 2007


Similar Part No. - X9259TS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259TS24 INTERSIL-X9259TS24 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24-2.7 INTERSIL-X9259TS24-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24I INTERSIL-X9259TS24I Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24I-2.7 INTERSIL-X9259TS24I-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24IZ INTERSIL-X9259TS24IZ Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
More results

Similar Description - X9259TS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com