Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258UV24 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9258UV24
Description  Quad Digital Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258UV24 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9258UV24 Datasheet HTML 5Page - Intersil Corporation X9258UV24 Datasheet HTML 6Page - Intersil Corporation X9258UV24 Datasheet HTML 7Page - Intersil Corporation X9258UV24 Datasheet HTML 8Page - Intersil Corporation X9258UV24 Datasheet HTML 9Page - Intersil Corporation X9258UV24 Datasheet HTML 10Page - Intersil Corporation X9258UV24 Datasheet HTML 11Page - Intersil Corporation X9258UV24 Datasheet HTML 12Page - Intersil Corporation X9258UV24 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8168.4
August 30, 2006
The WCR is a volatile register; that is, its contents are
lost when the X9258 is powered-down. Although the
register is automatically loaded with the value in R0
upon power-up, it should be noted this may be
different from the value present at power-down.
Data Registers
Each potentiometer has four nonvolatile Data
Registers. These can be read or written directly by the
host and data can be transferred between any of the
four Data Registers and the WCR. It should be noted
all operations changing data in one of these registers
is a nonvolatile operation and will take a maximum of
10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
REGISTER DESCRIPTIONS
Data Registers, (8-Bit), Nonvolatile
Four 8-bit Data Registers for each DCP. (sixteen 8-bit
registers in total).
– {D7~D0}: These bits are for general purpose not
volatile data storage or for storage of up to four
different wiper values. The contents of Data Register
0 are automatically moved to the wiper counter
register on power-up.
Wiper Counter Register, (8-Bit), Volatile
Instruction Format
Notes: (1) “MACK”/”SACK”: stands for the acknowledge sent by the master/slave.
(2) “A3 ~ A0”: stands for the device addresses sent by the master.
(3) “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
(4) “I”: stands for the increment operation, SDA held high during active SCL phase (high).
(5) “D”: stands for the decrement operation, SDA held low during active SCL phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
WP7 WP6 WP5 WP4 WP3 WP2 WP1 WP0
NV
NV
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
WP7
WP6 WP5 WP4 WP3 WP2 WP1 WP0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
wiper position
(sent by slave on SDA)
M
A
C
K
S
T
O
P
01 01 A
3
A
2
A
1
A
0
100 100 P
1
P
0
W
P
7
W
P
6
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
Data Byte
(sent by master on SDA)
S
A
C
K
S
T
O
P
01 01 A
3
A
2
A
1
A
0
101 000 P
1
P
0
W
P
7
W
P
6
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
Data Byte
(sent by slave on SDA)
M
A
C
K
S
T
O
P
0101 A
3
A
2
A
1
A
0
1011 R
1
R
0
P
1
P
0
W
P
7
W
P
6
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
X9258


Similar Part No. - X9258UV24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258UV24 XICOR-X9258UV24 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258UV24 INTERSIL-X9258UV24 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258UV24 INTERSIL-X9258UV24 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258UV24-2.7 XICOR-X9258UV24-2.7 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258UV24-2.7 INTERSIL-X9258UV24-2.7 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
More results

Similar Description - X9258UV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com