Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251TS24IZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9251TS24IZ
Description  Quad Digitally-Controlled (XDCP?? Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251TS24IZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9251TS24IZ Datasheet HTML 3Page - Intersil Corporation X9251TS24IZ Datasheet HTML 4Page - Intersil Corporation X9251TS24IZ Datasheet HTML 5Page - Intersil Corporation X9251TS24IZ Datasheet HTML 6Page - Intersil Corporation X9251TS24IZ Datasheet HTML 7Page - Intersil Corporation X9251TS24IZ Datasheet HTML 8Page - Intersil Corporation X9251TS24IZ Datasheet HTML 9Page - Intersil Corporation X9251TS24IZ Datasheet HTML 10Page - Intersil Corporation X9251TS24IZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN8166.5
April 13, 2007
Instructions
Four of the nine instructions are three bytes in length. These
instructions are:
• Read Wiper Counter Register – read the current wiper
position of the selected potentiometer,
• Write Wiper Counter Register – change current wiper
position of the selected potentiometer,
• Read Data Register – read the contents of the selected
Data Register,
• Write Data Register – write a new value to the selected
Data Register,
• Read Status – this command returns the contents of the
WIP bit which indicates if the internal write cycle is in
progress.
The basic sequence of the three byte instructions is
illustrated in Figure 3. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the wiper to
this action is delayed by tWRL. A transfer from the WCR
(current wiper position), to a Data Register is a write to non-
volatile memory and takes a minimum of tWR to complete.
The transfer can occur between one of the four
potentiometer’s WCR, and one of its associated registers,
DRs; or it may occur globally, where the transfer occurs
between all potentiometers and one associated register. The
Read Status Register instruction is the only unique format
(See Figure 5).
Four instructions require a two-byte sequence to complete.
These instructions transfer data between the host and the
X9251; either between the host and one of the data registers
or directly between the host and the Wiper Counter Register.
These instructions are:
• XFR Data Register to Wiper Counter Register – This
transfers the contents of one specified Data Register to
the associated Wiper Counter Register.
• XFR Wiper Counter Register to Data Register – This
transfers the contents of the specified Wiper Counter
Register to the specified associated Data Register.
• Global XFR Data Register to Wiper Counter
Register – This transfers the contents of all specified Data
Registers to the associated Wiper Counter Registers.
• Global XFR Wiper Counter Register to Data
Register – This transfers the contents of all Wiper
Counter Registers to the specified associated Data
Registers.
TABLE 5. INSTRUCTION SET
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
RB
RA
P1
P0
Read Wiper Counter Register
1
0
0
1
0
0
1/0
1/0
Read the contents of the Wiper Counter Register
pointed to by P1 - P0
Write Wiper Counter Register
1
0
1
0
0
0
1/0
1/0
Write new value to the Wiper Counter
Register pointed to by P1 - P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Data Register pointed to
by P1 - P0 and RB - RA
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1 - P0 and RB - RA
XFR Data Register to
Wiper Counter Register
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Data Register pointed to
by P1 - P0 and RB - RA to its
associated Wiper Counter Register
XFR Wiper Counter
Register to Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper Counter Register
pointed to by P1 - P0 to the Data Register pointed
to by RB - RA
Global XFR Data Registers to
Wiper Counter Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers pointed
to by RB - RA of all four pots to their respective
Wiper Counter Registers
Global XFR Wiper Counter
Registers to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers pointed
to by RB - RA of all four pots
Increment/Decrement
Wiper Counter Register
0
0
1
0
0
0
1/0
1/0
Enable Increment/decrement of the Control Latch
pointed to by P1 - P0
NOTE: 1/0 = data is one or zero
X9251


Similar Part No. - X9251TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TS24IZ INTERSIL-X9251TS24IZ Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24IZ-2.7 INTERSIL-X9251TS24IZ-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9251TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com