Electronic Components Datasheet Search |
|
X9268US24 Datasheet(PDF) 11 Page - Intersil Corporation |
|
X9268US24 Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 22 page 11 FN8172.4 August 29, 2006 DEVICE DESCRIPTION Instructions Four of the nine instructions are three bytes in length. These instructions are: – Read Wiper Counter Register – read the current wiper position of the selected potentiometer, – Write Wiper Counter Register – change current wiper position of the selected potentiometer, – Read Data Register – read the contents of the selected Data Register; – Write Data Register – write a new value to the selected Data Register. The basic sequence of the three byte instructions is illustrated in Figure 4. These three-byte instructions exchange data between the WCR and one of the Data Registers. A transfer from a Data Register to a WCR is essentially a write to a static RAM, with the static RAM controlling the wiper position. The response of the wiper to this action will be delayed by tWRL. A transfer from the WCR (current wiper position), to a Data Register is a write to nonvolatile memory and takes a minimum of tWR to complete. The transfer can occur between one of the four potentiometers and one of its associated registers; or it may occur globally, where the transfer occurs between all potentiometers and one associated register Four instructions require a two-byte sequence to complete. These instructions transfer data between the host and the X9268; either between the host and one of the data registers or directly between the host and the Wiper Counter Register. These instructions are: – XFR Data Register to Wiper Counter Register – This transfers the contents of one specified Data Register to the associated Wiper Counter Register. – XFR Wiper Counter Register to Data Register – This transfers the contents of the specified Wiper Counter Register to the specified associated Data Register. – Global XFR Data Register to Wiper Counter Register – This transfers the contents of all speci- fied Data Registers to the associated Wiper Counter Registers. – Global XFR Wiper Counter Register to Data Register – This transfers the contents of all Wiper Counter Registers to the specified associated Data Registers. INCREMENT/DECREMENT COMMAND The final command is Increment/Decrement (Figure 5 and 6). The Increment/Decrement command is different from the other commands. Once the command is issued and the X9268 has responded with an acknowledge, the master can clock the selected wiper up and/or down in one segment steps; thereby, providing a fine tuning capability to the host. For each SCL clock pulse (tHIGH) while SDA is HIGH, the selected wiper will move one resistor segment towards the RH terminal. Similarly, for each SCL clock pulse while SDA is LOW, the selected wiper will move one resistor segment towards the RL terminal. See Instruction format for more details. X9268 |
Similar Part No. - X9268US24 |
|
Similar Description - X9268US24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |