Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116WS8I-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9116WS8I-2.7
Description  Digitally Controlled Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WS8I-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9116WS8I-2.7 Datasheet HTML 1Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 2Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 3Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 4Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 5Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 6Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 7Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 8Page - Intersil Corporation X9116WS8I-2.7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN8160.2
September 26, 2006
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, VH/RH, VL/RL
and VCC with respect to VSS . . . . . . . . . . . . . . . . . . . . . -1V to +7V
ΔV = |V
H/RH-VL/RL| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . +300
°C
IW (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±10.0mA
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) Limits
X9116 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
X9116-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Potentiometer Specifications Over recommended operating conditions unless otherwise stated
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
RTOTAL
End to end resistance variation
-20
+20
%
VVH
VH/RH terminal voltage
VSS = 0V
VSS
VCC
V
VVL
VL/RL terminal voltage
VSS = 0V
VSS
VCC
V
Power rating
RTOTAL = 10kΩ
10
mW
RW
Wiper resistance
IW = 1mA, VCC = 5V
200
400
Ω
RW
Wiper resistance
IW = 1mA, VCC = 2.7V
400
1000
Ω
IW
Wiper current
-5.0
+5.0
mA
Noise
Ref: 1kHz
-120
dBV
√Hz
Resolution
6%
Absolute linearity (Note 1)
Vw(n)(actual) - Vw(n)(expected)
-1
+1
MI (Note 3)
Relative linearity (Note 2)
Vw(n+1) - [Vw(n) + MI]-0.2
+0.2
MI (Note 3)
RTOTAL temperature coefficient
±300
ppm/°C
Ratiometric temperature coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer capacitances
See Circuit #3
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (Vw(n)(actual) - Vw(n)(expected)) = ±1 Ml Maximum.
2. Relative linearity is a measure of the error in step size between taps = VW(n+1 ) -[Vw(n) + Ml] = ±0.2 Ml.
3. 1 Ml = Minimum Increment = RTOT/15.
X9116


Similar Part No. - X9116WS8I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9116WS8I-2.7 XICOR-X9116WS8I-2.7 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WS8I-2.7 INTERSIL-X9116WS8I-2.7 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
More results

Similar Description - X9116WS8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com