Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9268TS24I-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9268TS24I-2.7
Description  Dual Digitally-Controlled Potentiometers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268TS24I-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9268TS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 11Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 12Page - Intersil Corporation X9268TS24I-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN8172.4
August 29, 2006
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
Table 3. Instruction Set
Note: 1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0 RB RA
0
P0
Read Wiper Counter
Register
1001
0
0
0
1/0 Read the contents of the Wiper Counter
Register pointed to by P0
Write Wiper Counter Register
1010
0
0
0
1/0 Write new value to the Wiper Counter
Register pointed to by P0
Read Data Register
1011
1/0 1/0
0
1/0 Read the contents of the Data Register
pointed to by P0 and RB - RA
Write Data Register
1100
1/0 1/0
0
1/0 Write new value to the Data Register
pointed to by P0 and RB - RA
XFR Data Register to Wiper
Counter Register
1101
1/0 1/0
0
1/0 Transfer the contents of the Data Register
pointed to by P0 and RB - RA to its
associated Wiper Counter Register
XFR Wiper Counter Register
to Data Register
1110
1/0 1/0
0
1/0 Transfer the contents of the Wiper Counter
Register pointed to by P0 to the Data
Register pointed to by RB - RA
Global XFR Data Registers to
Wiper Counter Registers
0001
1/0 1/0
0
0
Transfer the contents of the Data Registers
pointed to by RB - RA of all four pots to their
respective Wiper Counter Registers
Global XFR Wiper Counter
Registers to Data Register
1000
1/0 1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers
pointed to by RB - RA of all four pots
Increment/Decrement Wiper
Counter Register
0010
0
0
0
1/0 Enable Increment/decrement of the Control
Latch pointed to by P0
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0
101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
RB
RA
0
P0
(MSB)
(LSB)
Instruction
Register
Pot Selection
Opcode
Selection
(WCR Selection)
Data
X9268


Similar Part No. - X9268TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268TS24I-2.7 INTERSIL-X9268TS24I-2.7 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9268TS24I-2.7 INTERSIL-X9268TS24I-2.7 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
logo
Renesas Technology Corp
X9268TS24I-2.7 RENESAS-X9268TS24I-2.7 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9268TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com