Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251UV24IZ-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9251UV24IZ-2.7
Description  Quad Digitally-Controlled (XDCP?? Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251UV24IZ-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9251UV24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X9251UV24IZ-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN8166.5
April 13, 2007
Increment/Decrement Command
The final command is Increment/Decrement (See Figures 6
and 7). The Increment/Decrement command is different from
the other commands. Once the command is issued and the
X9251 has responded with an Acknowledge, the master can
clock the selected wiper up and/or down in one segment
steps; thereby, providing a fine tuning capability to the host.
For each SCK clock pulse (tHIGH) while SI is HIGH, the
selected wiper moves one wiper position towards the RH
terminal. Similarly, for each SCK clock pulse while SI is
LOW, the selected wiper moves one wiper position towards
the RL terminal. A detailed illustration of the sequence and
timing for this operation are shown. See Instruction format
for more details.
ID3 ID2 ID1 ID0
0
A1
A0
I3
I2
I1
RB RA
P0
SCK
SI
CS
0101
DEVICE ID
INTERNAL
INSTRUCTION
OPCODE
ADDRESS
REGISTER
0
I0
P1
ADDRESS
DCP/WCR
ADDRESS
0
0
FIGURE 2. TWO-BYTE INSTRUCTION SEQUENCE
01
0
1
A1 A0
I3 I2
I1
I0
RB RA
P0
SCK
SI
D7 D6 D5 D4
D3 D2
D1 D0
CS
00
ID3 ID2 ID1 ID0
DEVICE ID
INTERNAL
INSTRUCTION
OPCODE
ADDRESS
REGISTER
ADDRESS
DCP/WCR
ADDRESS
00
P1
DATA FOR WCR[7:0] OR DR[7:0]
FIGURE 3. THREE-BYTE INSTRUCTION SEQUENCE SPI INTERFACE; WRITE CASE
01
0
1
A1 A0
I3
I2
I1
I0
RB RA
P0
SCK
SI
D7 D6 D5 D4
D3 D2
D1 D0
CS
00
ID3 ID2 ID1 ID0
DEVICE ID
INTERNAL
INSTRUCTION
OPCODE
ADDRESS
REGISTER
ADDRESS
DCP/WCR
ADDRESS
00
P1
WCR[7:0]
S0
X
X
X
XX
XX
X
DON’T CARE
OR
DATA REGISTER BIT [7:0]
FIGURE 4. THREE-BYTE INSTRUCTION SEQUENCE SPI INTERFACE, READ CASE
X9251


Similar Part No. - X9251UV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251UV24IZ-2.7 INTERSIL-X9251UV24IZ-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251UV24IZ-2.7 INTERSIL-X9251UV24IZ-2.7 Datasheet
438Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9251UV24IZ-2.7 RENESAS-X9251UV24IZ-2.7 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results

Similar Description - X9251UV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com