Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9400WV24I Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9400WV24I
Description  Quad Digitally Controlled Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400WV24I Datasheet(HTML) 1 Page - Intersil Corporation

  X9400WV24I Datasheet HTML 1Page - Intersil Corporation X9400WV24I Datasheet HTML 2Page - Intersil Corporation X9400WV24I Datasheet HTML 3Page - Intersil Corporation X9400WV24I Datasheet HTML 4Page - Intersil Corporation X9400WV24I Datasheet HTML 5Page - Intersil Corporation X9400WV24I Datasheet HTML 6Page - Intersil Corporation X9400WV24I Datasheet HTML 7Page - Intersil Corporation X9400WV24I Datasheet HTML 8Page - Intersil Corporation X9400WV24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
X9400
Low Noise/Low Power/SPI Bus
Quad Digitally Controlled Potentiometers
(XDCP™)
FEATURES
• Four potentiometers per package
• 64 resistor taps
• SPI serial interface for write, read, and transfer
operations of the potentiometer
• Wiper resistance, 40
Ω typical at 5V.
• Four non-volatile data registers for each
potentiometer
• Non-volatile storage of multiple wiper position
• Power-on recall. Loads saved wiper position on
power-up.
• Standby current < 1µA max
•System VCC: 2.7V to 5.5V operation
•Analog V+/V: -5V to +5V
•10k
Ω, 2.5kΩ end to end resistance
• 100 yr. data retention
• Endurance: 100,000 data changes per bit per
register
• Low power CMOS
• 24 Ld SOIC and 24 Ld TSSOP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X9400 integrates four digitally controlled
potentiometers (XDCPs) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI
serial
bus
interface.
Each
potentiometer
has
associated with it a volatile Wiper Counter Register
(WCR) and four nonvolatile Data Registers (DR0-3)
that can be directly written to and read by the user.
The contents of the WCR controls the position of the
wiper on the resistor array through the switches.
Power-up recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
CS
SCK
SO
A0
A1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
HOLD
Pot 0
VCC
VSS
WP
SI
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8189.3
July 28, 2006


Similar Part No. - X9400WV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400WV24I INTERSIL-X9400WV24I Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400WV24I-2.7 INTERSIL-X9400WV24I-2.7 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9400WV24IZ INTERSIL-X9400WV24IZ Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
logo
Renesas Technology Corp
X9400WV24IZ RENESAS-X9400WV24IZ Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9400WV24IZ-2.7 INTERSIL-X9400WV24IZ-2.7 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
More results

Similar Description - X9400WV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com