Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043M8I-2.7A Datasheet(PDF) 3 Page - Intersil Corporation

Part # X5043M8I-2.7A
Description  CPU Supervisor with 4K SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5043M8I-2.7A Datasheet(HTML) 3 Page - Intersil Corporation

  X5043M8I-2.7A Datasheet HTML 1Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 2Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 3Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 4Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 5Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 6Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 7Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 8Page - Intersil Corporation X5043M8I-2.7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN8126.2
March 16, 2006
Ordering Information
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC
RANGE
VTRIP
RANGE
TEMP
RANGE
(°C)
PACKAGE
X5043P-4.5A
X5043P AL
X5045P-4.5A
X5045P AL
4.5-5.5V
4.5-4.75
0 to 70
8 Ld PDIP
X5043PZ-4.5A (Note)
X5043P Z AL X5045PZ-4.5A (Note) X5045P Z AL
0 to 70
8 Ld PDIP (Pb-free)
X5043PI-4.5A
X5043P AM
X5045PI-4.5A
X5045P AM
-40 to 85
8 Ld PDIP
X5043PIZ-4.5A (Note) X5043P Z AM X5045PIZ-4.5A (Note) X5045P Z AM
-40 to 85
8 Ld PDIP (Pb-free)
X5043S8-4.5A
X5043 AL
X5045S8-4.5A
X5045 AL
0 to 70
8 Ld SOIC
X5043S8Z-4.5A (Note) X5043 Z AL
X5045S8Z-4.5A
(Note)
X5045 Z AL
0 to 70
8 Ld SOIC (Pb-free)
X5043S8I-4.5A*
X5043 AM
X5045S8I-4.5A*
X5045 AM
-40 to 85
8 Ld SOIC
X5043S8IZ-4.5A*
(Note)
X5043 Z AM
X5045S8IZ-4.5A*
(Note)
X5045 Z AM
-40 to 85
8 Ld SOIC (Pb-free)
X5043M8-4.5A
AEM
X5045M8-4.5A
AEV
0 to 70
8 Ld MSOP
X5043M8Z-4.5A
(Note)
DBS
X5045M8Z-4.5A
(Note)
DCB
0 to 70
8 Ld MSOP (Pb-free)
X5043M8I-4.5A
AEN
X5045M8I-4.5A
AEW
-40 to 85
8 Ld MSOP
X5043M8IZ-4.5A
(Note)
DBM
X5045M8IZ-4.5A
(Note)
DBX
-40 to 85
8 Ld MSOP (Pb-free)
X5043V14I-4.5A
X5043V AM
X5045V14I-4.5A
X5045V AM
-40 to 85
14 Ld TSSOP
X5043V14IZ-4.5A
(Note)
X5043V Z AM X5045V14IZ-4.5A
(Note)
X5045V Z AM
-40 to 85
14 Ld TSSOP
(Pb-free)
X5043P
X5043P
X5045P
X5045P
4.25-4.5
0 to 70
8 Ld PDIP
X5043PZ (Note)
X5043P Z
X5045PZ (Note)
X5045P Z
0 to 70
8 Ld PDIP (Pb-free)
X5043PI
X5043P I
X5045PI
X5045P I
-40 to 85
8 Ld PDIP
X5043PIZ (Note)
X5043P Z I
X5045PIZ (Note)
X5045P Z I
-40 to 85
8 Ld PDIP (Pb-free)
X5043S8*
X5043
X5045S8*
X5045
0 to 70
8 Ld SOIC
X5043S8Z* (Note)
X5043 Z
X5045S8Z* (Note)
X5045 Z
0 to 70
8 Ld SOIC (Pb-free)
X5043S8I*
X5043 I
X5045S8I*
X5045 I
-40 to 85
8 Ld SOIC
X5043S8IZ* (Note)
X5043 Z I
X5045S8IZ* (Note)
X5045 Z I
-40 to 85
8 Ld SOIC (Pb-free)
X5043M8
AEO
X5045M8
AEX
0 to 70
8 Ld MSOP
X5043M8Z (Note)
DBN
X5045M8Z (Note)
DBY
0 to 70
8 Ld MSOP (Pb-free)
X5043M8I
AEP
X5045M8I
AEY
-40 to 85
8 Ld MSOP
X5043M8IZ (Note)
DBJ
X5045M8IZ (Note)
DBT
-40 to 85
8 Ld MSOP (Pb-free)
X5043V14I
X5043V I
X5045V14I
X5045V I
-40 to 85
14 Ld TSSOP
X5043V14IZ (Note)
X5043V Z I
X5045V14IZ (Note)
X5045V Z I
-40 to 85
14 Ld TSSOP
(Pb-free)
X5043, X5045


Similar Part No. - X5043M8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5043M8I-2.7A XICOR-X5043M8I-2.7A Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043M8I-2.7A INTERSIL-X5043M8I-2.7A Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043M8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com