Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WP24I-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9410WP24I-2.7
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WP24I-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9410WP24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN8193.2
October 12, 2006
Figure 7. Increment/Decrement Instruction Sequence
Figure 8. Increment/Decrement Timing Limits
Table 1. Instruction Set
0
101
00
A1 A0
I3
I2
I1
I0
0
0
P0
SCK
SI
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
0
CS
Instruction
Instruction Set
Operation
I3
I2
I1
I0 R1 R0 P1 P0
Read Wiper Counter Register
1
0
0100
0
P0 Read the contents of the Wiper Counter
Register pointed to by P0
Write Wiper Counter Register
10
1000
0
P0 Write new value to the Wiper Counter Register
pointed to by P0
Read Data Register
1
0
1
1
R1 R0
0P0 Read the contents of the Data Register pointed
to by P0 and R1 - R0
Write Data Register
1
1
0
0
R1 R0
0P0 Write new value to the Data Register pointed to
by P0 and R1 - R0
XFR Data Register to Wiper
Counter Register
11
01
R1 R0
0P0 Transfer the contents of the Data Register
pointed to by R1 - R0 to the Wiper Counter
Register pointed to by P0
XFR Wiper Counter Register
to Data Register
11
10
R1 R0
0P0 Transfer the contents of the Wiper Counter
Register pointed to by P0 to the Register
pointed to by R1 - R0
Global XFR Data Register to
Wiper Counter Register
00
01
R1 R0
0
0
Transfer the contents of the Data Registers
pointed to by R1 - R0 of both pots to their
respective Wiper Counter Register
Global XFR Wiper Counter
Register to Data Register
10
00
R1 R0
0
0
Transfer the contents of all Wiper Counter
Registers to their respective data Registers
pointed to by R1 - R0 of both pots
Increment/Decrement Wiper
Counter Register
00
1000
0
P0 Enable Increment/decrement of the Wiper
Counter Register pointed to by P0
Read Status (WIP bit)
0
1
0100
01
Read the status of the internal write cycle, by
checking the WIP bit.
SCK
SI
VW/RW
INC/DEC CMD Issued
tWRID
Voltage Out
X9410


Similar Part No. - X9410WP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410WP24I-2.7 XICOR-X9410WP24I-2.7 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WP24I-2.7 INTERSIL-X9410WP24I-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
logo
Renesas Technology Corp
X9410WP24I-2.7 RENESAS-X9410WP24I-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com