Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WP24I-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9410WP24I-2.7
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WP24I-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X9410WP24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9410WP24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8193.2
October 12, 2006
PIN DESCRIPTIONS
Host Interface Pins
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked
out by the falling edge of the serial clock.
Serial Input
SI is the serial data input pin. All opcodes, byte
addresses and data to be written to the pots and pot
registers are input on this pin. Data is latched by the
rising edge of the serial clock.
Serial Clock (SCK)
The SCK input is used to clock data into and out of the
X9410.
Chip Select (CS)
When CS is HIGH, the X9410 is deselected and the
SO pin is at high impedance, and (unless an internal
write cycle is underway) the device will be in the
standby state. CS LOW enables the X9410, placing it
in the active power mode. It should be noted that after
a power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Hold (HOLD)
HOLD is used in conjunction with the CS pin to select
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
the serial communication with the controller without
resetting the serial sequence. To pause, HOLD must
be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while
SCK is LOW. If the pause feature is not used, HOLD
should be held HIGH at all times.
Device Address (A0 - A1)
The address inputs are used to set the least significant
2 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
address input in order to initiate communication with
the X9410. A maximum of 4 devices may occupy the
SPI serial bus.
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
PKG. DWG. #
X9410YS24I
X9410YS I
5 ±10%
2.5
-40 to 85
24 Ld SOIC (300 mil)
M24.3
X9410YS24IZ (Note)
X9410YS ZI
-40 to 85
24 Ld SOIC (300 mil) (Pb-free)
MDP0027
X9410WP24I
X9410WP I
10
-40 to 85
24 Ld PDIP
E24.6
X9410WS24I*
X9410WS I
-40 to 85
24 Ld SOIC (300 mil)
M24.3
X9410WS24IZ* (Note)
X9410WS ZI
-40 to 85
24 Ld SOIC (300 mil) (Pb-free)
MDP0027
X9410WV24I*
X9410WV I
-40 to 85
24 Ld TSSOP (4.4mm)
MDP0044
X9410WV24IZ* (Note)
X9410WV ZI
-40 to 85
24 Ld TSSOP (4.4mm) (Pb-free) MDP0044
X9410YS24I-2.7
X9410YS G
2.7 to 5.5
2.5
-40 to 85
24 Ld SOIC (300 mil)
M24.3
X9410YS24IZ-2.7 (Note)
X9410YS ZG
-40 to 85
24 Ld SOIC (300 mil) (Pb-free)
MDP0027
X9410WP24I-2.7
X9410WP G
10
-40 to 85
24 Ld PDIP
E24.6
X9410WS24I-2.7*
X9410WS G
-40 to 85
24 Ld SOIC (300 mil)
M24.3
X9410WS24IZ-2.7* (Note) X9410WS ZG
-40 to 85
24 Ld SOIC (300 mil) (Pb-free)
MDP0027
X9410WV24-2.7*
X9410WV F
0 to 70
24 Ld TSSOP (4.4mm)
MDP0044
X9410WV24Z-2.7* (Note) X9410WV ZF
0 to 70
24 Ld TSSOP (4.4mm) (Pb-free) MDP0044
X9410WV24I-2.7*
X9410WV G
-40 to 85
24 Ld TSSOP (4.4mm)
MDP0044
X9410WV24IZ-2.7* (Note) X9410WV ZG
-40 to 85
24 Ld TSSOP (4.4mm) (Pb-free) MDP0044
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X9410


Similar Part No. - X9410WP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410WP24I-2.7 XICOR-X9410WP24I-2.7 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WP24I-2.7 INTERSIL-X9410WP24I-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
logo
Renesas Technology Corp
X9410WP24I-2.7 RENESAS-X9410WP24I-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com