Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TV24-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9258TV24-2.7
Description  Quad Digital Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TV24-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9258TV24-2.7 Datasheet HTML 6Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 9Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 10Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 11Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 12Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 13Page - Intersil Corporation X9258TV24-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8168.4
August 30, 2006
Write Data Register (WR)
XFR Data Register (DR) to Wiper Counter Register (WCR)
XFR Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global XFR Data Register (DR) to Wiper Counter Register (WCR)
Global XFR Wiper Counter Register (WCR) to Data Register (DR)
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
Data Byte
(sent by master on SDA)
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101 A
3
A
2
A
1
A
0
1 100 R
1
R
0
P
1
P
0
W
P
7
W
P
6
W
P
5
W
P
4
W
P
3
W
P
2
W
P
1
W
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
S
T
O
P
010 1 A
3
A
2
A
1
A
0
1101 R
1
R
0
P
1
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
01 01 A
3
A
2
A
1
A
0
1 110 R
1
R
0
P
1
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
increment/decrement
(sent by master on SDA)
S
T
O
P
01 01 A
3
A
2
A
1
A
0
00 10 0
0
P
1
P
0
I/
D
I/
D ..
.. I/
D
I/
D
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
0 101 A
3
A
2
A
1
A
0
00 0 1 R
1
R
0 00
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101 A
3
A
2
A
1
A
0
1000 R
1
R
0 00
X9258


Similar Part No. - X9258TV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258TV24-2.7 XICOR-X9258TV24-2.7 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258TV24-2.7 INTERSIL-X9258TV24-2.7 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
More results

Similar Description - X9258TV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com