Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9269US24I-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9269US24I-2.7
Description  Dual Digitally-Controlled Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9269US24I-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9269US24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9269US24I-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FN8173.4
April 17, 2007
PRINCIPLES OF OPERATION
The X9269 is a integrated microcircuit incorporating
four resistor arrays and their associated registers and
counters and the serial interface logic providing direct
communication between the host and the digitally
controlled potentiometers. This section provides detail
description of the following:
– Resistor Array Description
– Serial Interface Description
– Instruction and Register Description.
Array Description
The X9269 is comprised of a resistor array (See Figure
1). Each array contains 255 discrete resistive segments
that are connected in series. The physical ends of each
array are equivalent to the fixed terminals of a
mechanical potentiometer (RH and RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The 8-bits of the WCR (WCR[7:0])
are decoded to select, and enable, one of 256
switches (See Table 1).
The WCR may be written directly. These Data
Registers can the WCR can be read and written by the
host system.
Power-up and Down Requirements.
There are no restrictions on the power-up or power-
down conditions of VCC and the voltages applied to
the potentiometer pins provided that VCC is always
more positive than or equal to VH, VL, and VW, i.e.,
VCC ≥ VH, VL, VW. The VCC ramp rate specification is
always in effect.
Figure 1. Detailed Potentiometer Block Diagram
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
RH
RL
RW
8
8
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN RW = RL
IF WCR = FF[H] THEN RW = RH
WIPER
(WCR)
One of Two Potentiometers
(DR0)
(DR1)
(DR2)
(DR3)
X9269


Similar Part No. - X9269US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269US24I-2.7 XICOR-X9269US24I-2.7 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9269US24I-2.7 INTERSIL-X9269US24I-2.7 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269US24I-2.7 RENESAS-X9269US24I-2.7 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9269US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com