Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9418YS24I-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9418YS24I-2.7
Description  Dual Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9418YS24I-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9418YS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 11Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 12Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 13Page - Intersil Corporation X9418YS24I-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8194.3
October 12, 2006
XFR Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global XFR Data Register (DR) to Wiper Counter Register (WCR)
Global XFR Wiper Counter Register (WCR) to Data Register (DR)
SYMBOL TABLE
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR and WCR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
01 01 A
3
A
2
A
1
A
0
1 110 R
1
R
0
0
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
increment/decrement
(sent by master on SDA)
S
T
O
P
01 01 A
3
A
2
A
1
A
0
00 10 0 0 0 P
0
I/
D
I/
D ..
.. I/
D
I/
D
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
0 101 A
3
A
2
A
1
A
0
00 0 1 R
1
R
0 00
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101 A
3
A
2
A
1
A
0
1000 R
1
R
0 00
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
120
100
80
40
60
20
20 40 60 80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX= C
BUS
tR
RMIN = I
OL MIN
VCC MAX
=1.8k
Ω
X9418


Similar Part No. - X9418YS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9418YS24I-2.7 XICOR-X9418YS24I-2.7 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
logo
Intersil Corporation
X9418YS24I-2.7 INTERSIL-X9418YS24I-2.7 Datasheet
362Kb / 21P
   Dual Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9418YS24I-2.7 RENESAS-X9418YS24I-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9418YS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com