Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TV24IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9258TV24IZ-2.7
Description  Quad Digital Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TV24IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9258TV24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9258TV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8168.4
August 30, 2006
and provide the clock for both transmit and receive
operations. Therefore, the X9258 will be considered a
slave device in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW periods (tLOW). SDA state changes during
SCL HIGH are reserved for indicating start and stop
conditions.
Start Condition
All commands to the X9258 are preceded by the start
condition, which is a HIGH to LOW transition of SDA
while SCL is HIGH (tHIGH). The X9258 continuously
monitors the SDA and SCL lines for the start condition
and will not respond to any command until this
condition is met.
Stop Condition
All communications must be terminated by a stop
condition, which is a LOW to HIGH transition of SDA
while SCL is HIGH.
Acknowledge
Acknowledge is a software convention used to provide
a positive handshake between the master and slave
devices on the bus to indicate the successful receipt of
data. The transmitting device, either the master or the
slave, will release the SDA bus after transmitting eight
bits. The master generates a ninth clock cycle and
during this period the receiver pulls the SDA line LOW
to acknowledge that it successfully received the eight
bits of data.
The X9258 will respond with an acknowledge after
recognition of a start condition and its slave address
and once again after successful receipt of the
command byte. If the command is followed by a data
byte the X9258 will respond with a final acknowledge.
Array Description
The X9258 is comprised of four resistor arrays. Each
array contains 255 discrete resistive segments that
are connected in series. The physical ends of each
array are equivalent to the fixed terminals of a
mechanical potentiometer (VH/RH and VL/RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(VW) output. Within each individual array only one
switch may be turned on at a time. These switches are
controlled by the Wiper Counter Register (WCR). The
8 bits of the WCR are decoded to select, and enable,
one of 256 switches.
The WCR may be written directly, or it can be changed
by transferring the contents of one of four associated
data registers into the WCR. These data registers and
the WCR can be read and written by the host system.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most
significant four bits of the slave address are the device
type identifier (refer to Figure 1). For the X9258 this is
fixed as 0101[B].
Figure 1. Slave Address
The next four bits of the slave address are the device
address. The physical device address is defined by
the state of the A0 - A3 inputs. The X9258 compares
the serial data stream with the address input state; a
successful compare of all four address bits is required
for the X9258 to respond with an acknowledge. The
A0 - A3 inputs can be actively driven by CMOS input
signals or tied to VCC or VSS.
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms nonvolatile write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9258
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9258 is still busy with the write operation no ACK will
be returned. If the X9258 has completed the write
operation an ACK will be returned and the master can
then proceed with the next operation.
1
00
A3
A2
A1
A0
Device Type
Identifier
Device Address
1
X9258


Similar Part No. - X9258TV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258TV24IZ-2.7 INTERSIL-X9258TV24IZ-2.7 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258TV24IZ-2.7 INTERSIL-X9258TV24IZ-2.7 Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
logo
Renesas Technology Corp
X9258TV24IZ-2.7 RENESAS-X9258TV24IZ-2.7 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results

Similar Description - X9258TV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com