Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WV24Z-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9410WV24Z-2.7
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WV24Z-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9410WV24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 13Page - Intersil Corporation X9410WV24Z-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN8193.2
October 12, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65
°C to +150°C
Voltage on SCK, SCL or any address
input with respect to VSS ......................... -1V to +7V
Voltage on V+ (referenced to VSS) ........................10V
Voltage on V- (referenced to VSS) ........................-10V
(V+) - (V-) .............................................................. 12V
Any VH.....................................................................V+
Any VL ......................................................................V-
Lead temperature (soldering, 10s) .................. +300°C
IW (10s) ............................................................±12mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when
used as a potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH - RL)/63, single pot
(4) Individual array resolution
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL
End to end resistance
±20
%
Power rating
50
mW
+25
°C, each pot
IW
Wiper current
±6
mA
RW
Wiper resistance
150
250
Wiper Current =
± 1mA,
VCC =3V
40
100
Wiper Current =
± 1mA,
VCC =5V
Vv+
Voltage on V+ Pin
X9410
+4.5
+5.5
V
X9410-2.7
+2.7
+5.5
Vv-
Voltage on V- Pin
X9410
-5.5
-4.5
V
X9410-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH or VL/RL Pin
V-
V+
V
Noise
-120
dBV
Ref: 1kHz
Resolution (4)
1.6
%
Absolute linearity (1)
±1
MI(3)
Rw(n)(actual) - Rw(n)(expected)
Relative linearity (2)
±0.2
MI(3)
Rw(n + 1) - [Rw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/
°C
Ratiometric temp. coefficient
±20
ppm/°C
CH/CL/CW Potentiometer capacitances
10/10/25
pF
See Circuit #3
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9410
5V
± 10%
X9410-2.7
2.7V to 5.5V
X9410


Similar Part No. - X9410WV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410WV24Z-2.7 INTERSIL-X9410WV24Z-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
logo
Renesas Technology Corp
X9410WV24Z-2.7 RENESAS-X9410WV24Z-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com