Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9418YV24IZ-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9418YV24IZ-2.7
Description  Dual Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9418YV24IZ-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9418YV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 13Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 14Page - Intersil Corporation X9418YV24IZ-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8194.3
October 12, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on SDA, SCL or any address
input with respect to VSS......................... -1V to +7V
Voltage on V+ (referenced to VSS)........................10V
Voltage on V- (referenced to VSS)........................-10V
(V+) - (V-) .............................................................. 12V
Any VH/RH, VL/RL, VW/RW ........................... V- to V+
Lead temperature (soldering, 10 seconds)...... +300°C
IW (10 seconds)..................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification)
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
End to end resistance tolerance
-20
+20
%
Power rating
50
mW
+25
°C, each pot
IW
Wiper current
-3
+3
mA
RW
Wiper resistance
150
250
Ω
Wiper current =
± 1mA, V+, V- = ±3V
40
100
Ω
Wiper current =
± 1mA, V+, V- = ±5V
V+
Voltage on V+ pin
X9418
+4.5
+5.5
V
X9418-2.7
+2.7
+5.5
V-
Voltage on V- pin
X9418
-5.5
-4.5
V
X9418-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH, VL/RL or
VW/RW
V-
V+
V
Noise
-120
dBV
Ref: 1kHz
Resolution (4)
1.6
%
See Note 4
Absolute linearity (1)
-1
+1
MI(3)
Vw(n)(actual) - Vw(n)(expected)(4)
Relative linearity (2)
-0.2
+0.2
MI(3)
Vw(n + 1 - [Vw(n) + MI](4)
Temperature Coefficient of RTOTAL
±300
ppm/
°C See Note 4
Ratiometric Temperature Coefficient
±20 ppm/°C See Note 4
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3,
Spice Macromodel
IAL
RH, RL, RW Leakage Current
0.1
10
µA
VIN = V- to V+. Device is in Stand-by
mode.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9418
5V
± 10%
X9418-2.7
2.7V to 5.5V
X9418


Similar Part No. - X9418YV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9418YV24IZ-2.7 RENESAS-X9418YV24IZ-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9418YV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com