Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT4051-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4051-Q1
Description  HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4051-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCT4051-Q1 Datasheet HTML 1Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 2Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 3Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 4Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 5Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 6Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 7Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 8Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CD74HCT4051Q1
HIGHSPEED CMOS LOGIC
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS569A − JANUARY 2004 − FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 8)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VEE
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VEE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
CL = 15 pF
5 V
4
tpd
IN
OUT
CL = 50 pF
0 V
4.5 V
12
18
ns
tpd
IN
OUT
CL = 50 pF
−4.5 V
4.5 V
8
12
ns
CL = 15 pF
5 V
23
ten
S or E
OUT
CL = 50 pF
0 V
4.5 V
55
83
ns
ten
S or E
OUT
CL = 50 pF
−4.5 V
4.5 V
39
59
ns
CL = 15 pF
5 V
19
tdis
S or E
OUT
CL = 50 pF
0 V
4.5 V
45
68
ns
tdis
S or E
OUT
CL = 50 pF
−4.5 V
4.5 V
32
48
ns
CI
Control
10
10
pF
operating characteristics, VCC = 5 V, TA = 25°C, input tr, tf = 6 ns
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance (see Note 6)
52
pF
NOTE 6: Cpd is used to determine the dynamic power consumption (PD), per package.
PD = (Cpd × VCC2 × fI) + Σ (CL + CS) VCC2 × fO
fO = output frequency
fI = input frequency
CL = output load capacitance
CS = switch capacitance
VCC = supply voltage
analog channel characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VEE
VCC
TYP
UNIT
CI
Switch input capacitance
5
pF
CCOM
Common output capacitance
25
pF
fmax
Minimum switch frequency
See Figure 3 and Figure 10 and
−2.25 V
2.25 V
145
MHz
fmax
Minimum switch frequency
response at −3 dB
See Figure 3 and Figure 10 and
Notes 7 and 8
−4.5 V
4.5 V
180
MHz
Sine-wave distortion
See Figure 5
−2.25 V
2.25 V
0.035
%
Sine-wave distortion
See Figure 5
−4.5 V
4.5 V
0.018
%
E or address select (S0, S1, S2) to
See Figure 6 and Notes 8 and 9
−2.25 V
2.25 V
TBE
mV
E or address select (S0, S1, S2) to
switch feedthrough noise
See Figure 6 and Notes 8 and 9
−4.5 V
4.5 V
TBE
mV
Switch OFF signal feedthrough
See Figure 7 and Figure 11 and
−2.25 V
2.25 V
−73
dB
Switch OFF signal feedthrough
See Figure 7 and Figure 11 and
Notes 8 and 9
−4.5 V
4.5 V
−75
dB
NOTES:
7. Adjust input voltage to obtain 0 dBm at VOS for fIN = 1 MHz.
8. VIS is centered at (VCC − VEE)/2.
9. Adjust input for 0 dBm.


Similar Part No. - CD74HCT4051-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4051-Q1 TI1-CD74HCT4051-Q1 Datasheet
271Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
CD74HCT4051-Q1 TI1-CD74HCT4051-Q1_12 Datasheet
271Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC
More results

Similar Description - CD74HCT4051-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
logo
Burr-Brown (TI)
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
IK Semicon Co., Ltd
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com