Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AUSI Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9241AUSI
Description  Quad Digital Controlled Potentionmeters (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AUSI Datasheet(HTML) 3 Page - Intersil Corporation

  X9241AUSI Datasheet HTML 1Page - Intersil Corporation X9241AUSI Datasheet HTML 2Page - Intersil Corporation X9241AUSI Datasheet HTML 3Page - Intersil Corporation X9241AUSI Datasheet HTML 4Page - Intersil Corporation X9241AUSI Datasheet HTML 5Page - Intersil Corporation X9241AUSI Datasheet HTML 6Page - Intersil Corporation X9241AUSI Datasheet HTML 7Page - Intersil Corporation X9241AUSI Datasheet HTML 8Page - Intersil Corporation X9241AUSI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN8164.5
December 14, 2006
Pin Descriptions
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9241A.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It is an open drain output and may be wire-
ORed with any number of open drain or open collector
outputs. An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the guidelines
for calculating typical values on the bus pull-up resistors
graph.
Address
The Address inputs are used to set the least significant 4 bits
of the 8-bit slave address. A match in the slave address
serial data stream must be made with the Address input in
order to initiate communication with the X9241A.
Potentiometer Pins
VH/RH(VH0/RH0—VH3/RH3), VL/RL (VL0/RL0—VL3/RL3)
The RH and RL inputs are equivalent to the terminal
connections on either end of a mechanical potentiometer.
VW/RW (VW0/RW0—VW3/RW3)
The wiper outputs are equivalent to the wiper output of a
mechanical potentiometer.
Pin Configuration
X9241AUP
X9241AUP
5 ±10%
50
0 to +70
20 Ld PDIP
X9241AUPZ (Note)
X9241AUP Z
0 to +70
20 Ld PDIP*** (Pb-free)
X9241AUPI
X9241AUPI
-40 to +85
20 Ld PDIP
X9241AUPIZ (Note)
X9241AUPI Z
-40 to +85
20 Ld PDIP*** (Pb-free)
X9241AUS*, **
X9241AUS
0 to +70
20 Ld SOIC
X9241AUSZ* (Note)
X9241AUS Z
0 to +70
20 Ld SOIC (Pb-free)
X9241AUSI*, **
X9241AUSI
-40 to +85
20 Ld SOIC
X9241AUSIZ* (Note)
X9241AUSI Z
-40 to +85
20 Ld SOIC (Pb-free)
X9241AUV*
X9241AUV
0 to +70
20 Ld TSSOP
X9241AUVZ* (Note)
X9241AUV Z
0 to +70
20 Ld TSSOP (Pb-free)
X9241AUVI*, **
X9241AUVI
-40 to +85
20 Ld TSSOP
X9241AUVIZ* (Note)
X9241AUVI Z
-40 to +85
20 Ld TSSOP (Pb-free)
*Add "T1" suffix for tape and reel.
**Add “T2” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Ordering Information (Continued)
PART NUMBER
PART MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k)
TEMP RANGE
(°C)
PACKAGE
Pin Names
SYMBOL
DESCRIPTION
SCL
Serial Clock
SDA
Serial Data
A0–A3
Address
VH0/RH0–VH3/RH3,
VL0/RL0–VL3/RL3
Potentiometer Pins (terminal equivalent)
VW0/RW0–VW3/RW3
Potentiometer Pins (wiper equivalent)
VW0/RW0
A0
A2
VH1/RH1
SDA
VSS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
A1
A3
SCL
DIP/SOIC/TSSOP
X9241A
VL0/RL0
VH0/RH0
VW1/RW1
VL1/RL1
VW3/RW3
VL3/RL3
VH3/RH3
VW2/RW2
VL2/RL2
VH2/RH2
X9241A
Pot 0 = 50k
Pot 1 = 50k
Pot 2 = 50k
Pot 3 = 50k


Similar Part No. - X9241AUSI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AUSI XICOR-X9241AUSI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AUSI INTERSIL-X9241AUSI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AUSIZ INTERSIL-X9241AUSIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AUSIZ INTERSIL-X9241AUSIZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Renesas Technology Corp
X9241AUSIZ RENESAS-X9241AUSIZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AUSI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_07 Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com