Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ7660 Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # TJ7660
Description  Charge Pump Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ7660 Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ7660 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ7660 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Charge Pump Voltage Converters
TJ7660
HTC
Jan. 2007-Rev 1.0
8
Output Ripple
ESR also affects the ripple voltage seen at the output. The total ripple is determined by 2
voltages, A and B, as shown in Figure 14. Segment A is the voltage drop across the ESR of C2 at
the instant it goes from being charged by C1 (current flow into C2) to being discharged through the
load (current flowing out of C2). The magnitude of this current change is 2• IOUT, hence the total
drop is 2• IOUT • eSRC2V. Segment
B is the voltage change across C2 during time t2, the half of the cycle when C2 supplies current to
the load. The drop at B is lOUT • t2/C2V. The peak-to-peak ripple voltage is the sum of these
voltage drops:
VRIPPLE = [ 1/2 (fPUMP) (C2) + 2 (ESRC2)] IOUT
Again, a low ESR capacitor will reset in a higher performance output.
Paralleling Devices
Any number of TJ7660 voltage converters may be paralleled to reduce output resistance. The
reservoir capacitor, C2, serves all devices while each device requires its own pump capacitor, C1.
The resultant output resistance would be approximately:
ROUT = ROUT (of TJ7660)/n (number of devices)
Cascading Devices
The TJ7660 may be cascaded as shown to produced larger negative multiplication of the initial
supply voltage. However, due to the finite efficiency of each device, the practical limit is 10
devices for light loads. The output voltage is defined by:
VOUT = -n (VIN),
where n is an integer representing the number of devices cascaded. The resulting output
resistance would be approximately the weighted sum of the individual TJ7660 ROUT values.
Changing the TJ7660 Frequency
It may be desirable in some applications, due to noise or other considerations, to increase the
oscillator frequency. This is achieved by overdriving the oscillator from an external clock, as
shown in Figure 17. In order to prevent possible device latchup, a 1kΩ resistor must be used in
series with the clock output. In a situation where the designer has generated the external clock
frequency using TTL logic, the addition of a 10kΩ pullup resistor to V+ supply is required. Note
that the pump frequency with external clocking, as with internal clocking, will be 1/2 of the clock
frequency. Output transitions occur on the positive-going edge of the clock.
TJ7660


Similar Part No. - TJ7660

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
TJ7660D HTC-TJ7660D Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
TJ7660N HTC-TJ7660N Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
More results

Similar Description - TJ7660

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Microchip Technology
TC1225 MICROCHIP-TC1225 Datasheet
1Mb / 9P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
2001
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com