Electronic Components Datasheet Search |
|
X9313WM-3 Datasheet(PDF) 10 Page - Intersil Corporation |
|
X9313WM-3 Datasheet(HTML) 10 Page - Intersil Corporation |
10 / 12 page 10 FN8177.5 April 18, 2007 X9313 Small Outline Plastic Packages (SOIC) INDEX AREA E D N 12 3 -B- 0.25(0.010) C A M BS e -A- L B M -C- A1 A SEATING PLANE 0.10(0.004) h x 45° C H 0.25(0.010) B M M α NOTES: 1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension “E” does not include interlead flash or protrusions. Inter- lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. “L” is the length of terminal for soldering to a substrate. 7. “N” is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. M8.15 (JEDEC MS-012-AA ISSUE C) 8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A 0.0532 0.0688 1.35 1.75 - A1 0.0040 0.0098 0.10 0.25 - B 0.013 0.020 0.33 0.51 9 C 0.0075 0.0098 0.19 0.25 - D 0.1890 0.1968 4.80 5.00 3 E 0.1497 0.1574 3.80 4.00 4 e 0.050 BSC 1.27 BSC - H 0.2284 0.2440 5.80 6.20 - h 0.0099 0.0196 0.25 0.50 5 L 0.016 0.050 0.40 1.27 6 N8 8 7 α 0° 8° 0° 8° - Rev. 1 6/05 |
Similar Part No. - X9313WM-3 |
|
Similar Description - X9313WM-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |