Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313WMIZ-3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9313WMIZ-3
Description  Digitally Controlled Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313WMIZ-3 Datasheet(HTML) 5 Page - Intersil Corporation

  X9313WMIZ-3 Datasheet HTML 1Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 2Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 3Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 4Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 5Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 6Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 7Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 8Page - Intersil Corporation X9313WMIZ-3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN8177.5
April 18, 2007
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, and
VCC with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on VH, VL, VW
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +7V
ΔV = |VH - VL|:
X9313Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
X9313W, X9313U . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Lead Temperature (soldering 10s) . . . . . . . . . . . . . . . . . . . . . +300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±8.8mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 2.0kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .200V
Temperature:
Commercial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC):
X9313 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
X9313-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
Max Wiper current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±4.4mA
Power rating:
RTOTAL ≥ 10kΩ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10mW
RTOTAL 1kΩ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16mW
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Potentiometer CharacteristicsOver recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
LIMITS
UNIT
MIN
TYP
MAX
End-to-end resistance tolerance
±20
%
VVH
VH terminal voltage
-
VCC
+
VCC
V
VVL
VL terminal voltage
-
VCC
+
VCC
V
RW
Wiper resistance
IW = (VH - VL)/RTOTAL, VCC = 5V
40
100
Ω
IW
Wiper current
±4.4
mA
Noise (Note 5)
Ref: 1kHz
-120
dBV
Resolution
3%
Absolute linearity (Note 1)
RW(n)(actual) - RW(n)(expected)
±1
MI
(Note 3)
Relative linearity (Note 2)
RW(n+1) - (RW(n)+MI)
±0.2
MI
(Note 3)
RTOTAL temperature coefficient (Note 5)
±300
ppm/°C
Ratiometric temperature coefficient
(Note 5)
±20
ppm/°C
CH/CL/CW
(Note 5)
Potentiometer capacitances
See Circuit #3
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (VW(n)(actual) - VW(n)(expected)) = ±1 MI maximum.
2. Relative linearity is a measure of the error in step size between taps = RW(n+1) - (RW(n) + MI) = ±0.2 MI.
3. 1 MI = minimum increment = RTOT/31.
X9313


Similar Part No. - X9313WMIZ-3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313WMIZ-3 INTERSIL-X9313WMIZ-3 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313WMIZ-3 INTERSIL-X9313WMIZ-3 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
logo
Renesas Technology Corp
X9313WMIZ-3 RENESAS-X9313WMIZ-3 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313WMIZ-3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com