Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4080N3 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS4080N3
Description  40V N-Channel FLMP PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4080N3 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS4080N3 Datasheet HTML 1Page - Fairchild Semiconductor FDS4080N3 Datasheet HTML 2Page - Fairchild Semiconductor FDS4080N3 Datasheet HTML 3Page - Fairchild Semiconductor FDS4080N3 Datasheet HTML 4Page - Fairchild Semiconductor FDS4080N3 Datasheet HTML 5Page - Fairchild Semiconductor FDS4080N3 Datasheet HTML 6Page - Fairchild Semiconductor FDS4080N3 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDS4080N3 Rev E1 (W)
Typical Characteristics
0
500
1000
1500
2000
2500
0
1020
3040
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 85
oC/W
TA = 25
oC
10ms
1ms
100µs
10s
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 85°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
RθJA(t) = r(t) * RθJA
RθJA = 85 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.
0
2
4
6
8
10
0
5
10
15
20
25
30
35
Qg, GATE CHARGE (nC)
ID = 13 A
VDS = 10V
20V
30V


Similar Part No. - FDS4080N3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4080N3 FAIRCHILD-FDS4080N3 Datasheet
254Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
More results

Similar Description - FDS4080N3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4080N7 FAIRCHILD-FDS4080N7 Datasheet
262Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
FDS4080N7 FAIRCHILD-FDS4080N7_04 Datasheet
183Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
FDS4080N3 FAIRCHILD-FDS4080N3 Datasheet
254Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com