Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4080N7 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS4080N7
Description  40V N-Channel FLMP PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4080N7 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS4080N7_04 Datasheet HTML 1Page - Fairchild Semiconductor FDS4080N7_04 Datasheet HTML 2Page - Fairchild Semiconductor FDS4080N7_04 Datasheet HTML 3Page - Fairchild Semiconductor FDS4080N7_04 Datasheet HTML 4Page - Fairchild Semiconductor FDS4080N7_04 Datasheet HTML 5Page - Fairchild Semiconductor FDS4080N7_04 Datasheet HTML 6Page - Fairchild Semiconductor FDS4080N7_04 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDS4080N7 Rev D1 (W)
Typical Characteristics
0
15
30
45
60
0
0.511.5
22.5
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
6.0V
VGS = 10V
5.5V
7.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
1530
4560
ID, DRAIN CURRENT (A)
VGS = 5.5V
6.0V
7.0V
10V
8.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.7
1
1.3
1.6
1.9
2.2
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 13A
VGS = 10V
0.005
0.01
0.015
0.02
0.025
0.03
46
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 7A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
20
40
60
80
2.5
3.5
4.5
5.5
6.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA =-55
oC
25oC
125oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS4080N7_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4080N7 FAIRCHILD-FDS4080N7 Datasheet
262Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
More results

Similar Description - FDS4080N7_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4080N7 FAIRCHILD-FDS4080N7 Datasheet
262Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
FDS4080N3 FAIRCHILD-FDS4080N3 Datasheet
254Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
FDS4080N3 FAIRCHILD-FDS4080N3_04 Datasheet
174Kb / 7P
   40V N-Channel FLMP PowerTrench MOSFET
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com