Electronic Components Datasheet Search |
|
XC6209H55AD Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6209H55AD Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 25 page 1/25 XC6209/6212 Series High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control ■ GENERAL DESCRIPTION The XC6209/XC6212 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 50mV increments within a range of 0.9V ~ 6.0V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power consumption. ETR0306-003 ■ APPLICATIONS ● Mobile phones, Cordless phones ● Wireless communication equipment ● Portable games ● Cameras, Video recorders ● Portable AV equipment ● Reference voltage ● Battery powered equipment ■ TYPICAL APPLICATION CIRCUIT ■ TYPICAL PERFORMANCE CHARACTERISTICS ■ FEATURES Maximum Output Current : 150mA (300mA=XC6209E to H types) Dropout Voltage : 60mV @ 30mA 200mV @ 100mA Minimum Operating Voltage : 2.0~10.0V Output Voltage Range : 0.9V ~ 6.0V (50mV increment) Highly Accurate : ±2% (VOUT>1.5V) ± 30mV (VOUT≦1.5V) Low Power Consumption : 25μA (TYP.) Stand-by Current : Less than 0.1μA (TYP.) Highly Ripple Rejection : 70dB (10kHz) Operating Temperature Range : -40℃~ +85℃ Low ESR Capacitor : Ceramic capacitor compatible Process : CMOS Built-In Circuit : Current Limit Circuit Ultra Small Packages : SOT-25 USP-6B (XC6209) SOT-89-5 (XC6209) |
Similar Part No. - XC6209H55AD |
|
Similar Description - XC6209H55AD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |