Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90810 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL90810
Description  Single Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90810 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL90810_06 Datasheet HTML 1Page - Intersil Corporation ISL90810_06 Datasheet HTML 2Page - Intersil Corporation ISL90810_06 Datasheet HTML 3Page - Intersil Corporation ISL90810_06 Datasheet HTML 4Page - Intersil Corporation ISL90810_06 Datasheet HTML 5Page - Intersil Corporation ISL90810_06 Datasheet HTML 6Page - Intersil Corporation ISL90810_06 Datasheet HTML 7Page - Intersil Corporation ISL90810_06 Datasheet HTML 8Page - Intersil Corporation ISL90810_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN8234.2
November 10, 2006
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
ICC1
VCC Supply Current
(Volatile Write/Read)
fSCL = 400kHz; SDA = Open; (for I
2C, Active,
Read and Volatile Write States only)
20
100
µA
ISB
VCC Current (Standby)
VCC = +5.5V, I
2C Interface in Standby State,
Temperature range from -40°C to +85°C
25
µA
VCC = +5.5V, I
2C Interface in Standby State,
Temperature range from -40°C to +105°C
28
µA
VCC = +3.6V, I
2C Interface in Standby State,
Temperature range from -40°C to +85°C
0.8
2
µA
VCC = +3.6V, I
2C Interface in Standby State,
Temperature range from -40°C to +105°C
0.8
5
µA
ILkgDig
Leakage Current at Pins SDA and
SCL
Voltage at pin from GND to VCC
-10
10
µA
tDCP (Note 14) DCP Wiper Response Time
SCL falling edge of last bit of DCP Data Byte to
wiper change
1µs
Vpor
Power-On Recall Voltage
Minimum VCC at which memory recall occurs
1.8
2.6
V
VCCRamp
VCC Ramp Rate
0.2
V/ms
tD (Note 14)
Power-Up Delay
VCC above Vpor, to DCP Initial Value Register
recall completed, and I2C Interface in standby state
3ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SDA, and SCL Input Buffer LOW
Voltage
-0.3
0.3*VCC
V
VIH
SDA, and SCL Input Buffer HIGH
Voltage
0.7*VCC
VCC+0.3
V
Hysteresis
(Note 14)
SDA and SCL Input Buffer Hysteresis
0.05*
VCC
V
VOL (Note 14) SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin (Note 14) SDA, and SCL Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tIN (Note 14)
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed.
50
ns
tAA (Note 14) SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VCC, until SDA
exits the 30% to 70% of VCC window.
900
ns
tBUF (Note 14) Time the Bus Must be Free Before the
Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC during
the following START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge. Both
crossing 70% of VCC.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC to
SCL falling edge crossing 70% of VCC.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC to
SDA entering the 30% to 70% of VCC window.
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC, to
SDA rising edge crossing 30% of VCC.
600
ns
ISL90810


Similar Part No. - ISL90810_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90810UAU8Z RENESAS-ISL90810UAU8Z Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
logo
Intersil Corporation
ISL90810UIU8 INTERSIL-ISL90810UIU8 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL90810UIU8-TK INTERSIL-ISL90810UIU8-TK Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL90810UIU8Z INTERSIL-ISL90810UIU8Z Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
logo
Renesas Technology Corp
ISL90810UIU8Z RENESAS-ISL90810UIU8Z Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results

Similar Description - ISL90810_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com