Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88031IU8HCZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88031IU8HCZ
Description  Quintuple Voltage Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88031IU8HCZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88031IU8HCZ Datasheet HTML 1Page - Intersil Corporation ISL88031IU8HCZ Datasheet HTML 2Page - Intersil Corporation ISL88031IU8HCZ Datasheet HTML 3Page - Intersil Corporation ISL88031IU8HCZ Datasheet HTML 4Page - Intersil Corporation ISL88031IU8HCZ Datasheet HTML 5Page - Intersil Corporation ISL88031IU8HCZ Datasheet HTML 6Page - Intersil Corporation ISL88031IU8HCZ Datasheet HTML 7Page - Intersil Corporation ISL88031IU8HCZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN8227.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL88031
Quintuple Voltage Monitor
The ISL88031 is a quintuple voltage-monitoring supervisor
combining competitive reset threshold accuracy and low
power consumption. This device combines popular functions
such as Power-On Reset, Undervoltage Supply Supervision,
reset signaling and Manual Reset. Monitoring up to five
different voltages in a small 8 Ld MSOP package, the
ISL88031 devices can help to lower system cost, reduce
board space requirements, and increase the reliability of
multi-voltage systems.
Low VDD detection circuitry protects the user’s system from
low voltage conditions, resetting the system when VDD or
any of the other monitored power supply voltages fall below
their respective minimum voltage thresholds. The reset
signal remains asserted until all of these voltages return to
proper operating levels and stabilize.
With two of the five voltage monitors being preset for
common supplies, users can adjust the threshold voltages of
the third, fourth, and fifth voltage monitors in order to meet
specific system level requirements.
Pinout
ISL88031
(8 LD MSOP)
TOP VIEW
Features
• Quintuple Voltage Monitoring
• Fixed-Voltage Options Allow Precise Monitoring of +5.0V,
+3.3V, +3.0V, +2.5V and +1.8V Power Supplies
• Adjustable Voltage Inputs Monitor Voltages > 0.6V
• 120ms Nominal Reset Pulse Width
• Manual Reset Capability
• Reset Signals Valid Down to VDD = 1V
• Accurate ±1.8% Voltage Threshold
• Immune to Power-Supply Transients
• Low 19µA Maximum Supply Current at 5V
• Pb-Free (RoHS Compliant)
Applications
• Telecom and Datacom Systems
• Routers and Servers
• Access Concentrators
• Cable/Satellite Applications
• Desktop and Notebook Computer Systems
• Data Storage Equipment
• Set-Top Boxes
• Industrial Equipment
• Multi-Voltage Systems
1
2
3
4
8
7
6
5
VDD
V2MON
GND
RST
V5MON
V4MON
V3MON
MR
Ordering Information
PART NUMBER
(Notes 1, 2)
PART MARKING
VTH1
VTH2
TEMP RANGE (°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL88031IU8HFZ
AMA
4.634V
3.078V
-40 to +85
8 Ld MSOP
M8.118
ISL88031IU8HEZ
ANZ
4.634V
2.955V
-40 to +85
8 Ld MSOP
M8.118
ISL88031IU8HCZ
APR
4.634V
2.333V
-40 to +85
8 Ld MSOP
M8.118
ISL88031IU8HAZ
APS
4.634V
1.683V
-40 to +85
8 Ld MSOP
M8.118
ISL88031IU8ECZ
APT
2.866V
2.333V
-40 to +85
8 Ld MSOP
M8.118
ISL88031IU8EAZ
APZ
2.866V
1.683V
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
Data Sheet
June 9, 2009


Similar Part No. - ISL88031IU8HCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88031IU8HCZ INTERSIL-ISL88031IU8HCZ Datasheet
201Kb / 8P
   Quintuple Voltage Monitor
logo
Renesas Technology Corp
ISL88031IU8HCZ RENESAS-ISL88031IU8HCZ Datasheet
463Kb / 8P
   Quintuple Voltage Monitor
More results

Similar Description - ISL88031IU8HCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88031 INTERSIL-ISL88031 Datasheet
201Kb / 8P
   Quintuple Voltage Monitor
logo
Renesas Technology Corp
ISL88031 RENESAS-ISL88031 Datasheet
463Kb / 8P
   Quintuple Voltage Monitor
logo
STMicroelectronics
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
   Quintuple, ultralow voltage supervisor with push-button reset
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
logo
Intersil Corporation
ISL88042 INTERSIL-ISL88042 Datasheet
301Kb / 8P
   Quadruple Voltage Monitor
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com