Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB2222A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMB2222A
Description  NPN Multi-Chip General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB2222A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMB2222A Datasheet HTML 1Page - Fairchild Semiconductor FMB2222A Datasheet HTML 2Page - Fairchild Semiconductor FMB2222A Datasheet HTML 3Page - Fairchild Semiconductor FMB2222A Datasheet HTML 4Page - Fairchild Semiconductor FMB2222A Datasheet HTML 5Page - Fairchild Semiconductor FMB2222A Datasheet HTML 6Page - Fairchild Semiconductor FMB2222A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 10 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
75
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 60 V, IE = 0
10
nA
IEBO
Emitter Cutoff Current
VEB = 3.0 V, IC = 0
10
nA
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V*
IC = 150 mA, VCE = 1.0 V*
IC = 500 mA, VCE = 10 V*
35
50
75
100
50
40
300
VCE(sat)
Collector-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.3
1.0
V
V
VBE(sat)
Base-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
1.2
2.0
V
V
NPN Multi-Chip General Purpose Amplifier
(continued)
Spice Model
NPN (Is=14.34f Xti=3 Eg=1.11 Vaf=74.03 Bf=255.9 Ne=1.307 Ise=14.34f Ikf=.2847 Xtb=1.5 Br=6.092 Nc=2 Isc=0
Ikr=0 Rc=1 Cjc=7.306p Mjc=.3416 Vjc=.75 Fc=.5 Cje=22.01p Mje=.377 Vje=.75 Tr=46.91n Tf=411.1p Itf=.6
Vtf=1.7 Xtf=3 Rb=10)
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 100 kHz
4.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0, f = 100 kHz
20
pF
NF
Noise Figure
IC = 100
µA, VCE = 10 V,
RS = 1.0 k
Ω, f = 1.0 kHz
2.0
dB
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
td
Delay Time
VCC = 30 V, VBE(OFF) = 0.5 V,
8
ns
tr
Rise Time
IC = 150 mA, IB1 = 15 mA
20
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA,
180
ns
tf
Fall Time
IB1 = IB2 = 15 mA
40
ns


Similar Part No. - FMB2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB2222A FAIRCHILD-FMB2222A Datasheet
61Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
More results

Similar Description - FMB2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
FFB3904 FAIRCHILD-FFB3904_1 Datasheet
99Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A Datasheet
61Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FMBA06 FAIRCHILD-FMBA06 Datasheet
53Kb / 4P
   NPN Multi-Chip General Purpose Amplifier
logo
Guangdong Kexin Industr...
KC847S KEXIN-KC847S Datasheet
42Kb / 1P
   NPN Multi-Chip General Purpose Amplifier
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com