Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB2907A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMB2907A
Description  PNP Multi-Chip General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB2907A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMB2907A Datasheet HTML 1Page - Fairchild Semiconductor FMB2907A Datasheet HTML 2Page - Fairchild Semiconductor FMB2907A Datasheet HTML 3Page - Fairchild Semiconductor FMB2907A Datasheet HTML 4Page - Fairchild Semiconductor FMB2907A Datasheet HTML 5Page - Fairchild Semiconductor FMB2907A Datasheet HTML 6Page - Fairchild Semiconductor FMB2907A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
600
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
 1998 Fairchild Semiconductor Corporation
PNP Multi-Chip General Purpose Amplifier
Thermal Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
FFB2907A
FMB2907A
MMPQ2907A
PD
Total Device Dissipation
Derate above 25
°C
300
2.4
700
5.6
1,000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
415
180
125
240
°C/W
°C/W
°C/W
FFB2907A
SC70-6
Mark: .2F
C1
B2
E2
E1
B1
C2
pin #1
FMB2907A
SuperSOT
-6
Mark: .2F
Dot denotes pin #1
C1
E1
C2
B1
E2
B2
pin #1
MMPQ2907A
This device is designed for use as a general purpose amplifier and switch requiring
collector currents to 500 mA. Sourced from Process 63.
SOIC-16
Mark:
MMPQ2907A
C1
C1
C2
C2
C3
C3
C4
C4
E1
B1
E2
B2
E3
B3
E4
B4
pin #1
NOTE: The pinouts are symmetrical; pin 1 and pin
4 are interchangeable. Units inside the carrier can
be of either orientation and will not affect the
functionality of the device.


Similar Part No. - FMB2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB2907A FAIRCHILD-FMB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
More results

Similar Description - FMB2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FFB3906 FAIRCHILD-FFB3906 Datasheet
81Kb / 6P
   PNP Multi-Chip General Purpose Amplifier
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FJYF2906 FAIRCHILD-FJYF2906 Datasheet
141Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com