Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB3904 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMB3904
Description  NPN Multi-Chip General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB3904 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMB3904 Datasheet HTML 1Page - Fairchild Semiconductor FMB3904 Datasheet HTML 2Page - Fairchild Semiconductor FMB3904 Datasheet HTML 3Page - Fairchild Semiconductor FMB3904 Datasheet HTML 4Page - Fairchild Semiconductor FMB3904 Datasheet HTML 5Page - Fairchild Semiconductor FMB3904 Datasheet HTML 6Page - Fairchild Semiconductor FMB3904 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4
NPN Multi-Chip General Purpose Amplifier
This device is designed as a general purpose amplifier and switch.
The useful dynamic range extends to 100 mA as a switch and to
100 MHz as an amplifier. Sourced from Process 23.
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
 1998 Fairchild Semiconductor Corporation
Thermal Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
FFB3904
FMB3904
MMPQ3904
PD
Total Device Dissipation
Derate above 25
°C
300
2.4
700
5.6
1,000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
415
180
125
240
°C/W
°C/W
°C/W
FFB3904
FMB3904
SuperSOT
-6
Mark: .1A
Dot denotes pin #1
MMPQ3904
C1
B2
E2
E1
B1
C2
pin #1
C1
E1
C2
B1
E2
B2
pin #1
SC70-6
Mark: .1A
NOTE: The pinouts are symmetrical; pin 1 and pin
4 are interchangeable. Units inside the carrier can
be of either orientation and will not affect the
functionality of the device.
SOIC-16
Mark: MMPQ3904
C1
C1
C2
C2
C3
C3
C4
C4
E1
B1
E2
B2
E3
B3
E4
B4
pin #1
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
3) All voltages (V) and currents (A) are negative polarity for PNP transistors.


Similar Part No. - FMB3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB3904 FAIRCHILD-FMB3904 Datasheet
77Kb / 5P
   NPN General Purpose Amplifier
More results

Similar Description - FMB3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A Datasheet
61Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FMBA06 FAIRCHILD-FMBA06 Datasheet
53Kb / 4P
   NPN Multi-Chip General Purpose Amplifier
logo
Guangdong Kexin Industr...
KC847S KEXIN-KC847S Datasheet
42Kb / 1P
   NPN Multi-Chip General Purpose Amplifier
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com