Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN24C Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FIN24C
Description  uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24C Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN24C_06 Datasheet HTML 2Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 3Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 4Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 5Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 6Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 7Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 8Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 9Page - Fairchild Semiconductor FIN24C_06 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24C Rev. 1.0.2
6
4-Bit Control Mode
When operating in 4-bit control mode, the master device
must be configured as MODE 2 (S2 = 1, S1 = 0) and the
slave device must be configured as MODE 1 (S2 = 0, S1
= 1). When operating in this mode, 24 data and control
bits can be sent from the master to the slave and 20 data
bits can be sent from the slave to the master. Unidirec-
tional control signals should be connected to DP[21:24].
2-Bit Control Mode
When operating in 2-bit control mode, both devices must
be configured in MODE 3 (S2 = S1 = “1”). In this mode,
22 bits can be sent in either direction. When operating in
a 2-bit control mode, serialized bits 21 and 22 appear on
outputs 23 and 24 of the deserializer.
Power-Down Mode: (Mode 0)
Mode 0 is used for powering down and resetting the
device. When both of the mode signals are driven to a
LOW state, the PLL and references are disabled, differ-
ential input buffers are shut off, differential output buffers
are placed into a HIGH-impedance state, LVCMOS out-
puts are placed into a HIGH-impedance state, LVCMOS
inputs are driven to a valid level internally, and all inter-
nal circuitry is reset. The loss of CKREF state is also
enabled to ensure that the PLL only powers up if there is
a valid CKREF signal.
In a typical application, the device only changes between
the power-down mode and the selected mode of opera-
tion. This allows for system-level power-down functional-
ity to be implemented via a single wire for a SerDes pair.
The S1 and S2 selection signals that have their operat-
ing mode driven to a “logic 0” should be hardwired to
GND. The S1 and S2 signals that have their operating
mode driven to a “logic 1” should be connected to a
system level power-down signal.


Similar Part No. - FIN24C_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24CGFX FAIRCHILD-FIN24CGFX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN24C_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com