Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN224ACGFX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FIN224ACGFX
Description  uSerDes 22-Bit Bi-Directional Serializer/Deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224ACGFX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN224ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 11Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 12Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 13Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224AC Rev.1.1.2
10
Application Mode Diagrams
Figure 12. FIN224AC RGB
Figure 13. FIN224AC Microcontroller
Flex Circuit Design Guidelines
The serial I/O information is transmitted at a high serial rate. Care must be taken implementing this serial I/O flex
cable. The following best practices should be used when developing the flex cabling or Flex PCB:
Keep all four differential wires the same length.
Allow no noisy signals over or near differential serial wires. Example: No LVCMOS traces over differential wires.
Use only one ground plane or wire over the differential serial wires. Do not run ground over top and bottom.
Do not place test points on differential serial wires.
Use differential serial wires a minimum of 2cm away from the antenna.
U20
2.8V
1.8V
VDDP
2.8V
2.8V
LCD14_M
LCD10_M
LCD2_M
LCD6_M
LCD8_M
LCD12_M
LCD4_M
LCD1_M
LCD15_M
LCD5_M
LCD11_M
LCD9_M
LCD7_M
LCD13_M
PIXCLK_M
LCD3_M
GPIO_MODE
LCD_ENABLE_M
LCD16_M
LCD17_M
LCD0_S
LCD0_M
LCD_HSYNC_M
LCD_VSYNC_M
LCD1_S
LCD2_S
LCD3_S
LCD4_S
LCD5_S
LCD6_S
LCD7_S
LCD8_S
LCD9_S
LCD10_S
LCD11_S
LCD12_S
LCD13_S
LCD14_S
LCD15_S
LCD16_S
LCD17_S
LCD_HSYNC_S
LCD_VSYNC_S
PIXCLK_S
µSerDes Serializer
LCD
Controller
Out
LCD
Display
In
Assumptions:
1) 18-bit Unidirectional RGB Application
2) Mode 2 Operation (5Mhz to 15Mhz CKREF)
µSerDes DeSerializer
3) VDDP= (1.65V to 3.6V)
FIN224AC
U22
DP9
A1
DP7
A2
DP5
A3
DP3
A4
DP1
A5
CKREF
A6
DP11
B1
DP10
B2
DP6
B3
DP2
B4
STROBE
B5
DIRO
B6
CKP
C1
DP12
C2
DP8
C3
DP4
C4
CKSO+
C5
CKSO-
C6
DP13
D1
DP14
D2
VDDP
D3
DSO-/DSI+
D5
DSO+/DSI-
D6
CKSI-
E6
CKSI+
E5
VDDS
E4
DP16
E2
DP15
E1
DIRI
F6
S1
F5
VDDA
F4
DP21
F3
DP18
F2
DP17
F1
S2
J6
DP24
J5
DP23
J4
DP22
J3
DP20
J2
DP19
J1
TP6
1nF
C10
1nF
1nF
C6
1nF
.01µF
C12
FIN224AC
DP9
A1
DP7
A2
DP5
A3
DP3
A4
DP1
A5
CKREF
A6
DP11
B1
DP10
B2
DP6
B3
DP2
B4
STROBE
B5
DIRO
B6
CKP
C1
DP12
C2
DP8
C3
DP4
C4
CKSO+
C5
CKSO-
C6
DP13
D1
DP14
D2
VDDP
D3
DSO-/DSI+
D5
DSO+/DSI-
D6
CKSI-
E6
CKSI+
E5
VDDS
E4
DP16
E2
DP15
E1
DIRI
F6
S2
F5
VDDA
F4
DP21
F3
DP18
F2
DP17
F1
S1
J6
DP24
J5
DP23
J4
DP22
J3
DP20
J2
DP19
J1
TP5
.01µF
C3
C11
2.2µF
LCD_ENABLE_S
2.8V
1.8V
VDDP
2.8V
2.8V
LCD14_M
LCD10_M
LCD2_M
LCD6_M
LCD8_M
LCD12_M
LCD4_M
LCD1_M
LCD15_M
LCD5_M
LCD11_M
LCD9_M
LCD7_M
LCD13_M
REFCLK
LCD3_M
GPIO_MODE
LCD_/WRITE_ENABLE_M
LCD16_M
LCD17_M
LCD0_S
LCD0_M
LCD_ADDRESS_M
LCD_/CS_M
LCD1_S
LCD2_S
LCD3_S
LCD4_S
LCD5_S
LCD6_S
LCD7_S
LCD8_S
LCD9_S
LCD10_S
LCD11_S
LCD12_S
LCD13_S
LCD14_S
LCD15_S
LCD16_S
LCD17_S
LCD_ADDRESS_S
LCD_/CS_S
LCD_/WRITE_ENABLE_S
µSerDes Serializer
LCD
Controller
Out
LCD
Display
In
Assumptions:
1) 18-bit Unidirectional µController Application
2) Mode 3 Operation (10 Mhz to 20Mhz CKREF)
µSerDes DeSerializer
3) VDDP= (1.65V to 3.6V)
4) REFCLK is a continously running clock with a frequency
greater than /WRITE_ENABLE.
U23
FIN224AC
U23
FIN224AC
DP9
A1
DP7
A2
DP5
A3
DP3
A4
DP1
A5
CKREF
A6
DP11
B1
DP10
B2
DP6
B3
DP2
B4
STROBE
B5
DIRO
B6
CKP
C1
DP12
C2
DP8
C3
DP4
C4
CKSO+
C5
CKSO-
C6
DP13
D1
DP14
D2
VDDP
D3
DSO-/DSI+
D5
DSO+/DSI-
D6
CKSI-
E6
CKSI+
E5
VDDS
E4
DP16
E2
DP15
E1
DIRI
F6
S2
F5
VDDA
F4
DP21
F3
DP18
F2
DP17
F1
S1
J6
DP24
J5
DP23
J4
DP22
J3
DP20
J2
DP19
J1
TP2
TP2
1nF
C7
1nF
C7
1nF
C5
1nF
C5
.01uF
C9
.01µF
C9
TP1
TP1
U21
FIN224AC
U21
FIN224AC
DP9
A1
DP7
A2
DP5
A3
DP3
A4
DP1
A5
CKREF
A6
DP11
B1
DP10
B2
DP6
B3
DP2
B4
STROBE
B5
DIRO
B6
CKP
C1
DP12
C2
DP8
C3
DP4
C4
CKSO+
C5
CKSO-
C6
DP13
D1
DP14
D2
VDDP
D3
DSO-/DSI+
D5
DSO+/DSI-
D6
CKSI-
E6
CKSI+
E5
VDDS
E4
DP16
E2
DP15
E1
DIRI
F6
S2
F5
VDDA
F4
DP21
F3
DP18
F2
DP17
F1
S1
J6
DP24
J5
DP23
J4
DP22
J3
DP20
J2
DP19
J1
TP3
TP3
.01uF
C2
.01µF
C2
C8
2.2uF
C8
2.2µF


Similar Part No. - FIN224ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN224ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com