Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95710WIU10Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL95710WIU10Z
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95710WIU10Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL95710WIU10Z Datasheet HTML 1Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 2Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 3Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 4Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 5Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 6Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 7Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 8Page - Intersil Corporation ISL95710WIU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8240.3
August 31, 2006
Symbol Table
tIW
INC to RW change
100
500
µs
tCYC
INC cycle time
2
µs
tR, tF
INC input rise and fall time
500
µs
NOTES:
1. Typical values are for TA = +25°C and 3.3V supply voltage.
2. LSB: [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
3. ZS error = (V(RW)0– V-)/LSB.
4. FS error = [V(RW)127 – V+]/LSB.
5. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 127. i is the DCP register setting.
6. INL = V(RW)i – (i • LSB – V(RW)0)/LSB for i = 1 to 127.
7.
for i = 16 to 120 decimal. Max ( ) is the maximum value of the wiper voltage and Min ( ) is the minimum value of the wiper voltage over the
temperature range.
8. MI =
|R127 – R0| /127. R127 and R0 are the measured resistances for the DCP register set to 7F hex and 00 hex respectively.
9. Roffset = R0/MI, when measuring between RW and RL.
Roffset = R127/MI, when measuring between RW and RH.
10. RDNL = (Ri – Ri-1)/MI -1, for i = 16 to 127.
11. RINL = [Ri – (MI • i) – R0]/MI, for i = 16 to 127.
12.
for i = 16 to 127, T = -40°C to +85°C. Max ( ) is the maximum value of the resistance and Min ( ) is the minimum value of the resistance over
the temperature range.
13. This parameter is not 100% tested.
14. tCPHS is the minimum cycle time to be allowed for any non-volatile Write by the user. It is the time from a valid STORE condition to the end of
the self-timed internal non-volatile write cycle. No CS or INC changes should be allowed.
AC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated (Continued)
SYMBOL
PARAMETER
MIN
TYP (Note 1)
MAX
UNIT
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
---------------------------------------------------------------------------------------------- x
106
125°C
-----------------
=
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
125°C
-----------------
×
=
WAVEFORM
INPUTS
OUTPUTS
Must be steady
Will be steady
May change from Low to High
Will change from Low to High
Will change from High to Low
Don’t Care: Changes Allowed
Changing: State Not Known
N/A
Center Line is High Impedance
May change from High to Low
ISL95710


Similar Part No. - ISL95710WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95710WIU10Z INTERSIL-ISL95710WIU10Z Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95710WIU10Z RENESAS-ISL95710WIU10Z Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
logo
Intersil Corporation
ISL95710WIU10Z-T INTERSIL-ISL95710WIU10Z-T Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
More results

Similar Description - ISL95710WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com