Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95711WIU10Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL95711WIU10Z
Description  Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95711WIU10Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL95711WIU10Z Datasheet HTML 5Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 6Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 7Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 8Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 9Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 10Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 11Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 12Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN8241.3
September 5, 2006
Principles of Operation
The ISL95711 is an integrated circuit incorporating one DCP
with it’s associated register, non-volatile memory, and the
I2C serial interface providing direct communication between
a host and the potentiometer and memory. The resistor array
is comprised of individual resistors connected in series. At
either end of the array and between each resistor is an
electronic switch that transfers the potential at that point to
the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered-down, the last value stored in
the IVR will be maintained in the nonvolatile memory. When
power is restored, the contents of the IVR are recalled and
the wiper is set to that value.
The ISL95711 has dual supplies, VCC and V-. For proper
operation of the chip, it is recommended both power
supplies ramp up simultaneously to their final values within
20ms. The chip design gives priority to the V- supply
stabilization and then looks at VCC stabilization. As the V-
supply goes below -2.5V, the RW pin goes to the default
code of 64. As VCC also exceeds 2.5V (after V- < -2.5V), the
RW pin goes to the code stored in the EEPROM memory
value (this is referred as power on recall).
DCP Description
The DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of the
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin is connected to
intermediate nodes, and is equivalent to the wiper terminal
of a mechanical potentiometer. The position of the wiper
terminal is controlled by a 7-bit volatile Wiper Register (WR).
When the WR contains all zeroes (00h), the wiper terminal
(RW) is closest to its “Low” terminal (RL). When the WR
contains all ones (7Fh), the wiper terminal (RW) is closest to
its “High” terminal (RH). As the value of the WR increases
from all zeroes (00h) to all ones (7Fh), the wiper moves
monotonically from the position closest to RL to the position
closest to RH. At the same time, the resistance between RW
and RL increases monotonically, while the resistance
between RH and RW decreases monotonically.
While the ISL95711 is being powered up, the WR is reset to
40h (64 decimal), which locates the RW at the center
between RL and RH. Soon after the power supply voltage
becomes large enough for reliable non-volatile memory
reading (~ ±2.5V), the ISL95711 reads the value stored on a
non-volatile Initial Value Register (IVR) and loads it into the
WR.
The WR and IVR can be read or written directly using the
I2C serial interface as described in the following sections.
Memory Description
The ISL95711 contains 1 non-volatile byte know as the Initial
Value Register (IVR). It is accessed by the I2C interface
operations with Address 00h. The IVR contains the value
which is loaded into the Volatile Wiper Register (WR) at
power-up.
The volatile WR, and the non-volatile IVR of a DCP are
accessed with the same address.
FIGURE 13. WIPER MOVEMENT
FIGURE 14. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
ISL95711


Similar Part No. - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711WIU10Z INTERSIL-ISL95711WIU10Z Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
logo
Renesas Technology Corp
ISL95711WIU10Z RENESAS-ISL95711WIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95711WIU10Z-T INTERSIL-ISL95711WIU10Z-T Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com