Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL96017 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL96017
Description  128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL96017 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL96017_06 Datasheet HTML 3Page - Intersil Corporation ISL96017_06 Datasheet HTML 4Page - Intersil Corporation ISL96017_06 Datasheet HTML 5Page - Intersil Corporation ISL96017_06 Datasheet HTML 6Page - Intersil Corporation ISL96017_06 Datasheet HTML 7Page - Intersil Corporation ISL96017_06 Datasheet HTML 8Page - Intersil Corporation ISL96017_06 Datasheet HTML 9Page - Intersil Corporation ISL96017_06 Datasheet HTML 10Page - Intersil Corporation ISL96017_06 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN8243.1
April 17, 2006
I2C Serial Interface
This device supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter and the receiving device as the receiver.
The device controlling the transfer is a master and the
device being controlled is the slave. The master always
initiates data transfers and provides the clock for both
transmit and receive operations. Therefore, this device
operates as a slave device in all applications. All
communication over the I2C interface is conducted by
sending the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line can change only during SCL
LOW periods. SDA state changes during SCL HIGH are
reserved for indicating START and STOP conditions (See
Figure 6). On power up, the SDA pin is in the input mode. All
I2C interface operations must begin with a START condition,
which is a HIGH to LOW transition of SDA while SCL is
HIGH. The device continuously monitors the SDA and SCL
lines for the START condition and does not respond to any
command until this condition is met (See Figure 6). A START
condition is ignored during the power up sequence and
during internal non-volatile write cycles. All I2C interface
operations must be terminated by a STOP condition, which
is a LOW to HIGH transition of SDA while SCL is HIGH (See
Figure 6). A STOP condition at the end of a Read operation,
or at the end of a Write operation to volatile bytes only
places the device in its standby mode. A STOP condition
during a Write operation to a non-volatile byte, initiates an
internal non-volatile write cycle. The device enters its
standby state when the internal non-volatile write cycle is
completed.
An ACK, Acknowledge, is a software convention used to
indicate a successful data transfer. The transmitting device,
either master or slave, releases the SDA bus after
transmitting eight bits. During the ninth clock cycle, the
receiver pulls the SDA line LOW to acknowledge the
reception of the eight bits of data (See Figure 7). This device
responds with an ACK after recognition of a START
condition followed by a valid Identification Byte, and once
again after successful receipt of the Address Byte. This
device also responds with an ACK after receiving each Data
Byte of a Write operation. The master must respond with an
ACK after receiving each Data Byte of a read operation
except the last one. A valid Identification Byte contains 1010
as the four MSBs. The following three bits are the MSBs of
the memory address to be accessed. The LSB of the
Identification Byte is the Read/Write bit. Its value is “1” for a
Read operation, and “0” for a Write operation (See Table 2).
The complete memory address location to be accessed is a
11-bit word, since the memory has 2048 bytes. The eight
LSBs are in the Address Byte.
TABLE 2. IDENTIFICATION BYTE FORMAT
10
1
0
A10
A9
A8
R/Wb
MSB
LSB
SCL
SDA
START
STOP
SCL
SDA
DATA STABLE
DATA CHANGE
DATA STABLE
FIGURE 6. VALID DATA CHANGES, START AND STOP CONDITIONS
ISL96017


Similar Part No. - ISL96017_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL96017UIRT8Z RENESAS-ISL96017UIRT8Z Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
ISL96017WIRT8Z RENESAS-ISL96017WIRT8Z Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Intersil Corporation
ISL96017 INTERSIL-ISL96017_12 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - ISL96017_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL96017 RENESAS-ISL96017 Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
logo
STMicroelectronics
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Microchip Technology
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
logo
Asahi Kasei Microsystem...
AK6416C AKM-AK6416C Datasheet
139Kb / 14P
   16Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com