Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90727UIE627Z-TK Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL90727UIE627Z-TK
Description  Digitally Controlled Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90727UIE627Z-TK Datasheet(HTML) 4 Page - Intersil Corporation

  ISL90727UIE627Z-TK Datasheet HTML 1Page - Intersil Corporation ISL90727UIE627Z-TK Datasheet HTML 2Page - Intersil Corporation ISL90727UIE627Z-TK Datasheet HTML 3Page - Intersil Corporation ISL90727UIE627Z-TK Datasheet HTML 4Page - Intersil Corporation ISL90727UIE627Z-TK Datasheet HTML 5Page - Intersil Corporation ISL90727UIE627Z-TK Datasheet HTML 6Page - Intersil Corporation ISL90727UIE627Z-TK Datasheet HTML 7Page - Intersil Corporation ISL90727UIE627Z-TK Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN8247.4
August 2, 2006
Operating Specifications
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 3)
MAX
UNIT
ICC1
VCC Supply Current
(Volatile write/read)
fSCL = 400kHz; SDA = Open; (for I
2C, Active,
Read and Volatile Write States only)
200
µA
ISB
VCC Current (standby)
VCC = +5.5V, I
2C Interface in Standby State
500
nA
IComLkg
Common-Mode Leakage
Voltage at SDA pin to GND or VCC
3µA
tDCP (Note 12) DCP Wiper Response Time
SCL falling edge of last bit of DCP Data Byte to
wiper change
500
ns
VCCRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value Register
recall completed, and I2C Interface in standby state
3ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SDA, and SCL Input Buffer LOW
Voltage
-0.3
0.3*
VCC
V
VIH
SDA, and SCL Input Buffer HIGH
Voltage
0.7*
VCC
VCC+
0.3
V
Hysteresis
SDA and SCL Input Buffer Hysteresis
0.05*
VCC
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 4mA
00.4
V
Cpin (Note 14) SDA, and SCL Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec is
suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output Data
Valid
SCL falling edge crossing 30% of VCC, until SDA
exits the 30% to 70% of VCC window.
900
ns
tBUF
Time the Bus Must be Free Before the
Start of a New Transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC during
the following START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge. Both
crossing 70% of VCC.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VCC to
SCL falling edge crossing 70% of VCC.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC to
SDA entering the 30% to 70% of VCC window.
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VCC, to
SDA rising edge crossing 30% of VCC.
600
ns
tHD:STO
STOP Condition Hold Time for Read,
or Volatile Only Write
From SDA rising edge to SCL falling edge. Both
crossing 70% of VCC.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC window.
0ns
tR (Note 14)
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1 * Cb
250
ns
ISL90727, ISL90728


Similar Part No. - ISL90727UIE627Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90727UIE627Z-TK INTERSIL-ISL90727UIE627Z-TK Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL90727UIE627Z-TK RENESAS-ISL90727UIE627Z-TK Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
More results

Similar Description - ISL90727UIE627Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com