Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40435 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X40435
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40435 Datasheet(HTML) 2 Page - Intersil Corporation

  X40435 Datasheet HTML 1Page - Intersil Corporation X40435 Datasheet HTML 2Page - Intersil Corporation X40435 Datasheet HTML 3Page - Intersil Corporation X40435 Datasheet HTML 4Page - Intersil Corporation X40435 Datasheet HTML 5Page - Intersil Corporation X40435 Datasheet HTML 6Page - Intersil Corporation X40435 Datasheet HTML 7Page - Intersil Corporation X40435 Datasheet HTML 8Page - Intersil Corporation X40435 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
FN8251.1
May 24, 2006
BLOCK DIAGRAM
*Voltage monitor requires Vcc to operate. Others are independent of Vcc.
V3FAIL
V2FAIL
WDO
MR
LOWLINE
RESET
RESET
X40430/34
X40431/35
V3 Monitor
Logic
V2 Monitor
Logic
Fault Detection
Register
Status
Register
EEPROM
Array
Data
Register
Command
Decode Test
& Control
Logic
Power-on,
Manual Reset
Low Voltage
Reset
Generation
VCC Monitor
Logic
V3MON
V2MON
SDA
WP
SCL
VCC
(V1MON)
+
-
+
-
Watchdog
and
Reset Logic
VTRIP3
+
-
VTRIP2
VTRIP1
*X40430, X40431=
VCC or
V2MON*
V2MON
X40434, X40435 =VCC
Device
Expected System
Voltages
Vtrip1(V)
Vtrip2(V)
Vtrip3(V)
POR
(system)
X40430, X40431
-A
-B
-C
5V; 3V or 3.3V; 1.8V
5V; 3V; 1.8V
3.3V; 2.5V; 1.8V
2.0–4.75*
4.55–4.65*
4.35–4.45*
2.95–3.05*
1.70–4.75
2.85–2.95
2.55–2.65
2.15–2.25
1.70–4.75
1.65–1.75
1.65–1.75
1.65–1.75
RESET = X40430
RESET = X40431
X40434, X40435
-A
-B
-C
5V; 3.3V; 1.5V
5V; 3V or 3.3V; 1.5V
5V; 3 or 3.3V; 1.2V
2.0–4.75*
4.55–4.65*
4.55–4.65*
4.55–4.65*
0.90–3.50*
1.25–1.35*
1.25–1.35*
0.95–1.05*
1.70–4.75
3.05–3.15
2.85–2.95
2.85–2.95
RESET = X40434
RESET = X40435
X40430, X40431, X40434, X40435


Similar Part No. - X40435

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40435 RENESAS-X40435 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Intersil Corporation
X40435S14-A INTERSIL-X40435S14-A Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40435S14-B INTERSIL-X40435S14-B Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40435S14-C INTERSIL-X40435S14-C Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40435S14I-A INTERSIL-X40435S14I-A Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40435

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com