Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM50
Description  Analog Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM50 Datasheet HTML 1Page - Fairchild Semiconductor FM50 Datasheet HTML 2Page - Fairchild Semiconductor FM50 Datasheet HTML 3Page - Fairchild Semiconductor FM50 Datasheet HTML 4Page - Fairchild Semiconductor FM50 Datasheet HTML 5Page - Fairchild Semiconductor FM50 Datasheet HTML 6Page - Fairchild Semiconductor FM50 Datasheet HTML 7Page - Fairchild Semiconductor FM50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRODUCT SPECIFICATION
FM50
REV. 1.1.0 10/5/04
5
Applications Information
Although the FM50 is a simple device, care must be taken to
ensure that temperature is measured accurately. There are
two major sources of errors:
3.
Voltage errors.
4.
Thermal Delay Errors.
5.
Location errors
Voltage Errors
Figure 4. Recommended Electrical Connections
A Kelvin connection is recommended to avoid errors due to
voltage drops in the ground connections. Although the
typical 130µA supply current draw of the FM50 will only
cause a 130µV error if the series resistance is 1
Ω, a 100 mA
current supply to adjacent circuits can cause a 10mV drop
across 100m
Ω (10mΩ is a typical value for soldered joints or
contact resistance), leading to a 1°C error. For this reason,
the FM50 should be Kelvin connected as shown in Figure 4.
Thermal Delay Errors
For measurement accuracy of the order of tenths of 1°C,
adequate settling time must be allowed. For a typical circuit
board installation, 15 minutes should be allowed to elapse
following reading of temperature within 1 - 2°C of the
expected final value. Once VOUT has ceased to slew and
is stable (with or without about ±0.1°C noise) for about 5
minutes, temperature can be calculated.
Location Errors
Position is another source of error. Even within a controlled
thermal environment, changing location by a few inches can
lead to errors of several tenths of 1°C
Mounting
The FM50 can be easily mounted by gluing or cementing it
to a surface. In this case, its temperature will be within about
0.2°C of the temperature of the surface it is attached to if the
ambient air temperature is almost the same as the surface
temperature. If the air temperature is much higher or lower
than the surface temperature, the actual temperature of the
FM50 die will be at an intermediate temperature between the
surface temperature and the air temperature.
To ensure good thermal conductivity, the backside of the
FM50 die is directly attached to the GND pin. The lands and
traces to the FM50 will, of course, be part of the printed
circuit board, which is the object whose temperature is being
measured. These printed circuit board lands and traces will
not cause the FM50’s temperature to deviate from the
desired temperature.
Alternatively, the FM50 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the FM50 and
accompanying wiring and circuits must be kept insulated and
dry to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paint or dips can be used to ensure
that moisture cannot corrode the FM50 or its connections.
FM50
VDD
VOUT
GND(power)
GND(sense)


Similar Part No. - FM50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
SHENZHEN FUMAN ELECTRON...
FM5001H FUMAN-FM5001H Datasheet
299Kb / 7P
   Handheld 3-speed fan-specific IC
More results

Similar Description - FM50

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com