Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM50S3X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FM50S3X
Description  Analog Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM50S3X Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FM50S3X Datasheet HTML 1Page - Fairchild Semiconductor FM50S3X Datasheet HTML 2Page - Fairchild Semiconductor FM50S3X Datasheet HTML 3Page - Fairchild Semiconductor FM50S3X Datasheet HTML 4Page - Fairchild Semiconductor FM50S3X Datasheet HTML 5Page - Fairchild Semiconductor FM50S3X Datasheet HTML 6Page - Fairchild Semiconductor FM50S3X Datasheet HTML 7Page - Fairchild Semiconductor FM50S3X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FM50
PRODUCT SPECIFICATION
6
REV. 1.1.0 10/5/04
Typical Applications Circuits
Figure 4. Serial Output Temperature to Digital Converter (Full Scale = +125°C)
Figure 5. Parallel Output Temperature to Digital Converter (Full Scale = +125°C)
Serial
Analog-to-Digital
Converter
Adjustable
Shunt Voltage
Reference
FM50
U1
VTEMP
3.9K
IN
REF
1.75V
U3
U2
FB
10K
100K
1
µF
SERIAL
DATA OUT
CLOCK
ENABLE
Parallel Output
Analog-to-Digital
Converter
FM50
U1
VTEMP
1.75V
5V
IN
VREF
U3
8
U2
+
-
15K
30K
5K
1
µF
PARALLEL
DATA
OUTPUT
WR
RD
CS
INTR


Similar Part No. - FM50S3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50S3X FAIRCHILD-FM50S3X Datasheet
693Kb / 8P
   Analog Temperature Sensor
More results

Similar Description - FM50S3X

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com