Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM50S3X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM50S3X
Description  Analog Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM50S3X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM50S3X Datasheet HTML 1Page - Fairchild Semiconductor FM50S3X Datasheet HTML 2Page - Fairchild Semiconductor FM50S3X Datasheet HTML 3Page - Fairchild Semiconductor FM50S3X Datasheet HTML 4Page - Fairchild Semiconductor FM50S3X Datasheet HTML 5Page - Fairchild Semiconductor FM50S3X Datasheet HTML 6Page - Fairchild Semiconductor FM50S3X Datasheet HTML 7Page - Fairchild Semiconductor FM50S3X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.fairchildsemi.com
REV. 1.1.0 10/5/04
Features
• Analog output: 10 mV/°C
• Range: -40 to 125°C range:
• Accuracy: ±2°C at 25°C
• Supply Current, 170 µA max.
• Output Drive, 25 µA
• Self-heating < 0.1°C
• Operating Voltage: +2.4V to +6V
Applications
• Mobile Phones
• Computers
• Battery Management
•Office Equipment
•HVAC
•Power Supply Modules
• Disk Drives
• Automotive
Description
As a precision CMOS temperature sensor, the FM50 is
cost-effective for accurate low-power temperature monitor-
ing applications. Output voltage versus temperature is
extremely linear. With no load, the supply current is
typically 130µA. For normal operation, the load on VOUT
should be 100K
Ω or less.
In a typical application, a remotely mounted FM50 is
monitored by a microcontroller with an analog A/D
converter input. Alternatively, the FM50 can drive a
comparator with a high impedance input.
Accuracy is typically ± 0.5°C at room temperature; and
better than ±2°C from 0 to 75°C.
Available in both standard and Lead Free 3-pin SOT-23
package.
Thermal Response
FM50
Analog Temperature Sensor
-50 -40
-25
25
50
75
100
125
100
V
OUT
(mV)
Temperature ( C)
0
Temperature ( C) =
VOUT - 500 mV
10 mV/ C
500
1750
750
FM50 Output Voltage vs. Temperature


Similar Part No. - FM50S3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50S3X FAIRCHILD-FM50S3X Datasheet
693Kb / 8P
   Analog Temperature Sensor
More results

Similar Description - FM50S3X

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com